Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCC4541B Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCC4541B
Description  PROGRAMMABLE TIMER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4541B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCC4541B_07 Datasheet HTML 2Page - STMicroelectronics HCC4541B_07 Datasheet HTML 3Page - STMicroelectronics HCC4541B_07 Datasheet HTML 4Page - STMicroelectronics HCC4541B_07 Datasheet HTML 5Page - STMicroelectronics HCC4541B_07 Datasheet HTML 6Page - STMicroelectronics HCC4541B_07 Datasheet HTML 7Page - STMicroelectronics HCC4541B_07 Datasheet HTML 8Page - STMicroelectronics HCC4541B_07 Datasheet HTML 9Page - STMicroelectronics HCC4541B_07 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DIGITAL TIMER APPLICATION
A positive MASTER RESET pulse clears the
counters and latch. The output goes high and keeps
up till the number of pulses, selected by A and B, are
counted. This circuit is retriggerable and is as accur-
ate as the input frequency. If a more accurate circuit
is desired, an external clock can be used on pin 3.
A set-up time equal to the width of the one shot out-
put is required immediately following initial power
up, during which time the output will be high.
FREQUENCY SELECTION TABLE
TRUTH TABLE
AB
N
° of Stages
N
Count
2
N
0
0
13
8192
0
1
10
1024
1
0
18
256
1
1
16
65536
Pin
State
01
5
Auto Reset On
Auto Reset Disable
6
Master Reset Off
Master Reset On
9
Output Initially
Low After Reset (Q)
Output Initially
High After Reset (Q)
10
Single Transition Mode
Recycle Mode
HCC/HCF4541B
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com