Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5C6801C Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI5C6801C
Description  10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C6801C Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5C6801C Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C6801C Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C6801C Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C6801C Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C6801C Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PS8374B
05/02/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5C6801C
10-BitBusSwitchwithPrechargedOutputs
forLiveInsertionand-2VUndershootProtection
ApplicationsInformation
LogicInputs
The logic control inputs can be driven up to +5.5V regardless of
the supply voltage. For example, given a +5.0V supply, IN may
be driven low to 0V and high to 5.5V. Driving IN Rail-to-Rail®
minimizespowerconsumption.
Power-SupplySequencing
Proper power-supply sequencing is recommended for all CMOS
devices. Always apply VCC before applying VBIAS and signals to
the input/output or control pins.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
t
r
a
Pe
g
a
k
c
a
P
n
i
Ph
t
d
i
W
Q
C
1
0
8
6
C
5
I
P)
Q
(
P
O
S
Q
4
2li
m
-
0
5
1
L
C
1
0
8
6
C
5
I
P)
L
(
P
O
S
S
T
4
2li
m
-
3
7
1
OrderingInformation
24-pinTSSOP(L)
.303
.311
.047
1.20
.002
.006
SEATING
PLANE
.0256
BSC
.018
.030
.004
.008
.252
BSC
1
24
.169
.177
X.XX
X.XX
DENOTES CONTROLLING
DIMENSIONS IN MILLIMETERS
0.05
0.15
6.4
0.45
0.75
0.09
0.20
4.3
4.5
7.7
7.9
0.65
0.19
0.30
.007
.012
Max



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com