Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0802007 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0802007
Description  EMLP 30 (45X10)R CUS - Plastic label with drill hole
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0802007 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0802007 Datasheet HTML 1Page - PHOENIX CONTACT 0802007 Datasheet HTML 2Page - PHOENIX CONTACT 0802007 Datasheet HTML 3Page - PHOENIX CONTACT 0802007 Datasheet HTML 4Page - PHOENIX CONTACT 0802007 Datasheet HTML 5Page - PHOENIX CONTACT 0802007 Datasheet HTML 6Page - PHOENIX CONTACT 0802007 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Plastic label with drill hole, can be ordered: by line, white, labeled according to customer
specifications, mounting type: adhesive, text field height: 10 mm, text field width: 45 mm
Your advantages
The EMLP 30 ... self-adhesive markers are particularly well suited to marking electrical buttons and indicator lamps on consoles and in control
cabinets
•
The markers meet the same standards as the engraved labels, they provide high-quality visuals
•
Commercial data
Item number
0802007
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8141
Catalog page
Page 277 (C-5-2013)
GTIN
4046356783101
Weight per piece (including packing)
1.99 g
Weight per piece (excluding packing)
1.99 g
Country of origin
PL
EMLP 30 (45X10)R CUS - Plastic label with drill hole
0802007
https://www.phoenixcontact.com/us/products/0802007
May 16, 2025, 7:33AM
Page 1 (7)


Similar Part No. - 0802007

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0802008 PHOENIX-0802008 Datasheet
193Kb / 7P
EMLP 30 (45X10)R YE CUS - Plastic label with drill hole
More results

Similar Description - 0802007

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801855 PHOENIX-0801855 Datasheet
49Kb / 3P
Plastic label with drill hole - EMLP 30(45X10)R
0801857 PHOENIX-0801857 Datasheet
49Kb / 3P
Plastic label with drill hole - EMLP 30(45X10)R YE
0801858 PHOENIX-0801858 Datasheet
49Kb / 3P
Plastic label with drill hole - EMLP 30(45X10)R BK
0803878 PHOENIX-0803878 Datasheet
57Kb / 2P
Plastic label - US-EMLP-HA 30 (45X10)
0822291 PHOENIX-0822291 Datasheet
47Kb / 2P
Plastic label with drill hole - EMLP 32 (38X14)
0822314 PHOENIX-0822314 Datasheet
47Kb / 2P
Plastic label with drill hole - EMLP 24 (30X12) BK
0822327 PHOENIX-0822327 Datasheet
47Kb / 2P
Plastic label with drill hole - EMLP 32 (38X14) BK
0822330 PHOENIX-0822330 Datasheet
48Kb / 3P
Plastic label with drill hole - EMLP 24 (30X12) SR
0822343 PHOENIX-0822343 Datasheet
48Kb / 3P
Plastic label with drill hole - EMLP 32 (38X14) SR
0824562 PHOENIX-0824562 Datasheet
55Kb / 2P
Plastic label - UC-EMLP (60X30) CUS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com