Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SA08F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7SA08F
Description  2-Input AND Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SA08F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SA08F Datasheet HTML 1Page - Toshiba Semiconductor TC7SA08F Datasheet HTML 2Page - Toshiba Semiconductor TC7SA08F Datasheet HTML 3Page - Toshiba Semiconductor TC7SA08F Datasheet HTML 4Page - Toshiba Semiconductor TC7SA08F Datasheet HTML 5Page - Toshiba Semiconductor TC7SA08F Datasheet HTML 6Page - Toshiba Semiconductor TC7SA08F Datasheet HTML 7Page - Toshiba Semiconductor TC7SA08F Datasheet HTML 8Page - Toshiba Semiconductor TC7SA08F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC7SA08F/FU
2007-11-01
3
Electrical Characteristics
DC Characteristics (Ta = −40~85°C, 2.7 V < VCC <= 3.6 V)
DC Characteristics (Ta = −40~85°C, 2.3 V <= VCC <= 2.7 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
⎯
2.7~3.6
2.0
⎯
Input voltage
Low level
VIL
⎯
2.7~3.6
⎯
0.8
V
IOH = −100 μA
2.7~3.6
VCC
− 0.2
⎯
IOH = −12 mA
2.7
2.2
⎯
IOH = −18 mA
3.0
2.4
⎯
High level
VOH
VIN = VIH
IOH = −24 mA
3.0
2.2
⎯
IOL = 100 μA
2.7~3.6
⎯
0.2
IOL = 12 mA
2.7
⎯
0.4
IOL = 18 mA
3.0
⎯
0.4
Output voltage
Low level
VOL
VIN = VIH or VIL
IOL = 24 mA
3.0
⎯
0.55
V
Input leakage current
IIN
VIN = 0~3.6 V
2.7~3.6
⎯
±5.0
μA
Power off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
⎯
10.0
μA
VIN = VCC or GND
2.7~3.6
⎯
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
2.7~3.6
⎯
±20.0
Increase in ICC per input
ΔICC
VIH = VCC − 0.6 V
2.7~3.6
⎯
750
μA
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
⎯
2.3~2.7
1.6
⎯
Input voltage
Low level
VIL
⎯
2.3~2.7
⎯
0.7
V
IOH = −100 μA
2.3~2.7
VCC
− 0.2
⎯
IOH = −6 mA
2.3
2.0
⎯
IOH = −12 mA
2.3
1.8
⎯
High level
VOH
VIN = VIH
IOH = −18 mA
2.3
1.7
⎯
IOL = 100 μA
2.3~2.7
⎯
0.2
IOL = 12 mA
2.3
⎯
0.4
Output voltage
Low level
VOL
VIN = VIH or VIL
IOL = 18 mA
2.3
⎯
0.6
V
Input leakage current
IIN
VIN = 0~3.6 V
2.3~2.7
⎯
±5.0
μA
Power off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
⎯
10.0
μA
VIN = VCC or GND
2.3~2.7
⎯
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
2.3~2.7
⎯
±20.0
μA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com