Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCX-D080V1 Datasheet(PDF) 1 Page - BesTech Power Co., Ltd

Part # HCX-D080V1
Description  For 7.4V 2S Li-ion/Li-Polymer Battery Packs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BESTECH [BesTech Power Co., Ltd]
Direct Link  http://www.bestechpower.com
Logo BESTECH - BesTech Power Co., Ltd

HCX-D080V1 Datasheet(HTML) 1 Page - BesTech Power Co., Ltd

  HCX-D080V1 Datasheet HTML 1Page - BesTech Power Co., Ltd HCX-D080V1 Datasheet HTML 2Page - BesTech Power Co., Ltd HCX-D080V1 Datasheet HTML 3Page - BesTech Power Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Protection Circuit Module
PCM / BMS / PCB
For 7.4V 2S Li-ion/Li-Polymer Battery Packs
Tele:+86 755 29454916
Bestech Power Co.,Ltd
Fax:+86 755 29454917
3F,Bldg3,Fulian Industrial Park,Heping Industrial area,Jianhui Rd,Longhua,ShenZhen,China.
中国广东省深圳市龙华和平路和平工业区建辉路
82 号旭焕辉富联工业园 2 期 3 栋 3 楼。
Website: http://www.BesTechPower.com
http://www.BatteryBMS.com
E-mail: sales@BesTechPower.com
Page 1 of 3
Data Sheet
1.Features
This protection circuit is specially designed for 7.4V Li-ion/Li-Polymer Battery;
To prevent batteries from over charge,over discharge,over current,short circuit.
2.Main Component:
R5460N 208AF+ PE8810
3.Parameters and Specification:
Products Name:
Battery PCM/BMS/PCB for 2S 7.4V
Li-ion/Li-Polymer Battery (Packs)
Manufacturer Part Number:
HCX-D080V1
Dimension:
L30.5*W15*T 1.0(mm)
Item
Content
Criterion
1
over charge protection voltage
4.25±0.025V
2
over charge recovery voltage
4.05±0.05V
3
over charge protection delay time
1000ms±300ms
4
over discharge protection voltage
2.40±0.063V
5
over discharge recovery voltage
3.00±0.075V
6
over discharge protection delay time
128ms±39ms
7
over current protection current
8-15A
8
short protection delay time
150us-500us
9
static self-consumption current
≤ 10.0uA
10
PCB internal resistance
≤ 65 mΩ
11
Working current
6A


Similar Part No. - HCX-D080V1

ManufacturerPart #DatasheetDescription
logo
BesTech Power Co., Ltd
HCX-D019V1 BESTECH-HCX-D019V1 Datasheet
108Kb / 1P
For 11.1V 3S Li-ion/Li-Polymer Battery Packs
HCX-D019V1/AAJ BESTECH-HCX-D019V1/AAJ Datasheet
108Kb / 1P
For 11.1V 3S Li-ion/Li-Polymer Battery Packs
HCX-D092 BESTECH-HCX-D092 Datasheet
234Kb / 1P
For 18.5V 5S Li-ion/Li-Polymer Battery Packs
HCX-D095 BESTECH-HCX-D095 Datasheet
299Kb / 1P
For 32V 10S LiFePO4 Battery Packs
More results

Similar Description - HCX-D080V1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
Li-ion/Li Polymer Battery Charger
July 25, 2005
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
Li-ion/Li Polymer Battery Charger
July 22, 2005
logo
BesTech Power Co., Ltd
HCX-D092 BESTECH-HCX-D092 Datasheet
234Kb / 1P
For 18.5V 5S Li-ion/Li-Polymer Battery Packs
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
Li-ion/Li Polymer Battery Charger
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
Li-ion/Li Polymer Battery Charger
Nov.3.20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com