Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML2108 Datasheet(PDF) 20 Page - Summit Microelectronics, Inc.

Part # SML2108
Description  Laser Diode Adaptive Power Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2108 Datasheet(HTML) 20 Page - Summit Microelectronics, Inc.

Back Button SML2108 Datasheet HTML 13Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 14Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 15Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 16Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 17Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 18Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 19Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 20Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 21Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
20
SML2108
2053 2.2 11/07/00
SUMMIT MICROELECTRONICS, Inc.
PRELIMINARY
ORDERING INFORMATION
PACKAGE
48 PIN TQFP PACKAGE
Pin 1
0.50 BSC
DETAIL "A"
1 ref
DETAIL "B"
A
B
0.22
8.975 – 9.025
0.353 – 0.355
6.5 – 7.1
0.271 – 0.280
0.02
0.10 – 0.20
0.004 – 0.008
0.45 – 0.75
0.018 – 0.030
0.076
0.003
0.009
mm.
in.
20xx Pckg 1.0
SML2108
F
Base Part Number
Package
F = 48 Pin TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com