Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LCX138FN Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74LCX138FN
Description  Low-Voltage 3-to-8 Line Decoder with 5-V Tolerant Inputs and Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX138FN Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74LCX138FN Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX138FN Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX138FN Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX138FN Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX138FN Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX138FN Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX138FN Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX138FN Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX138FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC74LCX138F/FN/FT/FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LCX138F,TC74LCX138FN,TC74LCX138FT,TC74LCX138FK
Low-Voltage 3-to-8 Line Decoder with 5-V Tolerant Inputs and Outputs
The TC74LCX138 is a high-performance CMOS 3-to-8 decoder.
Designed for use in 3.3-V systems, it achieves high-speed
operation while maintaining the CMOS low-power dissipation.
The device is designed for low-voltage (3.3 V) VCC applications,
but it could be used to interface to 5-V supply environment for
inputs.
When the device is enabled, 3 binary select inputs (A, B and C)
determine which one of the outputs ( 0
Y - 7
Y ) will go low.
When enable input G1 is held low or either
2A
G
or
2B
G
is
held high, decoding function is inhibited and all outputs go high.
G1,
2A
G
, and
2B
G
inputs are provided to ease cascade
connection and for use as an address decoder for memory
systems.
All inputs are equipped with protection circuits against static
discharge.
Features
• Low-voltage operation: VCC = 2.0 to 3.6 V
• High-speed operation: tpd = 6.0 ns (max) (VCC = 3.0 to 3.6 V)
• Ouput current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V)
• Latch-up performance: −500 mA
• Available in JEDEC SOP, JEITA SOP, TSSOP and
VSSOP (US)
• Power-down protection provided on all inputs and outputs
• Pin and function compatible with the 74 series
(74AC/VHC/HC/F/ALS/LS etc.) 138 type
Weight
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.12 g (typ.)
TSSOP16-P-0044-0.65A
: 0.06 g (typ.)
VSSOP16-P-0030-0.50
: 0.02 g (typ.)
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74LCX138F
TC74LCX138FN
TC74LCX138FT
TC74LCX138FK


Similar Part No. - TC74LCX138FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX138FN TOSHIBA-TC74LCX138FN Datasheet
289Kb / 9P
LOW VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
05-Aug-1997
More results

Similar Description - TC74LCX138FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX138F TOSHIBA-TC74LCX138F Datasheet
289Kb / 9P
LOW VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
05-Aug-1997
TC74VCX138FT TOSHIBA-TC74VCX138FT Datasheet
373Kb / 8P
LOW-VOLTAGE 3-TO-8 LINE DECODER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
01-Sep-1998
TC7MZ138FK TOSHIBA-TC7MZ138FK Datasheet
237Kb / 7P
LOW-VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
14-Oct-1999
logo
STMicroelectronics
74LVX238 STMICROELECTRONICS-74LVX238 Datasheet
236Kb / 9P
LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
Jul-2001
logo
Toshiba Semiconductor
TC7MA138FK TOSHIBA-TC7MA138FK Datasheet
147Kb / 9P
Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA138FK TOSHIBA-TC7MA138FK_07 Datasheet
224Kb / 10P
Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MZ138FK TOSHIBA-TC7MZ138FK_07 Datasheet
192Kb / 8P
Low Voltage 3-to-8 Line Decoder with 5 V Tolerant Inputs and Outputs
TC74VCX138FT TOSHIBA-TC74VCX138FT_07 Datasheet
260Kb / 11P
Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LVX238 STMICROELECTRONICS-74LVX238_04 Datasheet
323Kb / 12P
LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
27-Aug-2004
logo
Toshiba Semiconductor
TC74LCX138F TOSHIBA-TC74LCX138F_12 Datasheet
233Kb / 11P
Low-Voltage 3-to-8 Line Decoder with 5-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com