Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3390 Datasheet(PDF) 1 Page - Comus International

Part # 3390
Description  High Voltage Reed Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

3390 Datasheet(HTML) 1 Page - Comus International

  3390 Datasheet HTML 1Page - Comus International 3390 Datasheet HTML 2Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Drawings not to scale.
All dimensions in inches (mm) nominal.
Part Number: 3390 Series
High Voltage Reed Relays
Product Data Sheet
PACKAGE DIMENSIONS
ORDERING INFORMATION
SCHEMATIC
PICTURE
FEATURES
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 42023510
©2024 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Relays
• Industry Standard Packages
• Up to 10,000 VDC Switching Voltage
• Up to 14,000 VDC Dielectric Strength
• Up to 50 Watts / 5 Amp Carry Current
• Contact Forms: 1 Form A, 2 Form A or 1 Form B
• Custom Designs Welcome
3390 = 5000 V
3391 = 7500 V
3392 = 10000 V
1270 = Normally Open / 1A
4270 = Normally Closed / 1B
1272 = Normally Open / 2A
05
12
24
Part Number Example: 339x.xxxx.xx6
3390.4270.126 = 5000 Switching Volt,1 form B, 12 Volt Coil
Series
Form
Coil
1270 / 4270
1272
2.67 (68.0)
2.67 (68.0)
0.82
(21.0)
0.82
(21.0)
0.86
(21.8)
MAX
0.86
(21.8)
MAX
3
3
5
6
4
4
2
2
1
1
0.15 (4.0)
0.15 (4.0)
Ø 0.032
(Ø 0.8)
Ø 0.032
(Ø 0.8)
0.59
(15.0)
0.59
(15.0)
0.295
(7.5)
0.295
(7.5)
0.02
(0.5)
0.02
(0.5)
1.18
(30.0)
2.36 (60.0)
2.36 (60.0)
2.36 (60.0)
1270
4270
1272
3
4
1
2
3
1+
2-
4
3
1
2
6
4
5
1.18
(30.0)
Rev: 1 - Date: Sept/24/2024 - Signature: BR


Similar Part No. - 3390

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3390 ALLEGRO-3390 Datasheet
261Kb / 3P
OPTOELECTRONIC SWITCH - TWILIGHT SENSOR
logo
ASM GmbH
3390 ASM-SENSOR-3390 Datasheet
3Mb / 16P
POWER ANALYZER
logo
List of Unclassifed Man...
3390 ETC-3390 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3390 HEYCO-3390 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
Sumida Corporation
3390-T144 SUMIDA-3390-T144 Datasheet
125Kb / 1P
General Power Transformer < Pin Type: EI Series>
More results

Similar Description - 3390

ManufacturerPart #DatasheetDescription
logo
Coto Technology
7000-05-1000 COTO-7000-05-1000 Datasheet
277Kb / 4P
High Reliability Reed Relays
9104-05-10 COTO-9104-05-10 Datasheet
241Kb / 2P
Hi Voltage SIP Reed Relays
logo
Meder Electronic
H24-1A83 MEDER-H24-1A83 Datasheet
646Kb / 4P
High Voltage Reed Relays
HE12-1A83-02 MEDER-HE12-1A83-02 Datasheet
759Kb / 4P
High Voltage Reed Relays for PCB Mounting
logo
List of Unclassifed Man...
DAT72415F ETC2-DAT72415F Datasheet
1Mb / 2P
high voltage reed relays 15kV, 50W
logo
Cynergy3 Co
DAT72415F CYNERGY3-DAT72415F Datasheet
1Mb / 2P
high voltage reed relays
SAR91205 CYNERGY3-SAR91205 Datasheet
267Kb / 1P
high voltage reed relays
logo
Meder Electronic
HM12-1A83-02 MEDER-HM12-1A83-02_10 Datasheet
387Kb / 4P
High Voltage Reed Relays for PCB Mounting
logo
Coto Technology
5500 COTO-5500 Datasheet
741Kb / 2P
5500 SERIES/HIGH VOLTAGE REED RELAYS
9104 COTO-9104 Datasheet
590Kb / 2P
9104 SERIES/HIGH VOLTAGE SIP REED RELAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com