Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LCX240FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74LCX240FT
Description  Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX240FT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74LCX240FT Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX240FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX240FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX240FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX240FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX240FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX240FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX240FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX240FT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74LCX240F/FT/FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LCX240F,TC74LCX240FT,TC74LCX240FK
Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
The TC74LCX240 is a high-performance CMOS octal bus
buffer. Designed for use in 3.3-V systems, it achieves high-speed
operation while maintaining the CMOS low power dissipation.
The device is designed for low-voltage (3.3 V) VCC applications,
but it could be used to interface to 5-V supply environment for
both inputs and outputs.
The 74LCX240F/FT is an inverting 3-state buffer having two
active-low output enables. This device is designed to be used with
3-state memory address drivers, etc.
All inputs are equipped with protection circuits against static
discharge.
Features
• Low-voltage operation: VCC = 2.0 to 3.6 V
• High-speed operation: tpd = 6.5 ns (max) (VCC = 3.0 to 3.6 V)
• Ouput current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V)
• Latch-up performance: −500 mA
• Available in JEITA SOP, TSSOP and VSSOP (US)
• Power-down protection provided on all inputs and outputs
• Pin and function compatible with the 74 series
(74AC/VHC/HC/F/ALS/LS etc.) 240 type
Weight
SOP20-P-300-1.27A
: 0.22 g (typ.)
TSSOP20-P-0044-0.65A : 0.08 g (typ.)
VSSOP20-P-0030-0.50
: 0.03 g (typ.)
TC74LCX240F
TC74LCX240FT
TC74LCX240FK


Similar Part No. - TC74LCX240FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX240FT TOSHIBA-TC74LCX240FT_10 Datasheet
230Kb / 11P
Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
More results

Similar Description - TC74LCX240FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ240FK TOSHIBA-TC7MZ240FK Datasheet
230Kb / 6P
LOW-VOLTAGE OCTAL BUS BUFFER (INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ540FK TOSHIBA-TC7MZ540FK Datasheet
233Kb / 6P
LOW-VOLTAGE OCTAL BUS BUFFER (INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX240F TOSHIBA-TC74LCX240F Datasheet
193Kb / 9P
Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC7MZ240FK TOSHIBA-TC7MZ240FK_07 Datasheet
185Kb / 7P
Low Voltage Octal Bus Buffer (inverted) with 5 V Tolerant Inputs and Outputs
TC7MZ540FK TOSHIBA-TC7MZ540FK_07 Datasheet
186Kb / 7P
Low Voltage Octal Bus Buffer (inverted) with 5 V Tolerant Inputs and Outputs
TC7MZ541FK TOSHIBA-TC7MZ541FK_07 Datasheet
186Kb / 7P
Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
TC74LCX540F TOSHIBA-TC74LCX540F_07 Datasheet
246Kb / 10P
Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX240F TOSHIBA-TC74LCX240F_10 Datasheet
230Kb / 11P
Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX540F TOSHIBA-TC74LCX540F_10 Datasheet
230Kb / 11P
Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCXZ240FT TOSHIBA-TC74LCXZ240FT Datasheet
238Kb / 9P
Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com