Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71841SEHF/PROTO Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # ISL71841SEHF/PROTO
Description  Radiation Hardened 30V 32-Channel Analog Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71841SEHF/PROTO Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button ISL71841SEHF/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL71841SEHF/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL71841SEHF/PROTO Datasheet HTML 25Page - Renesas Technology Corp ISL71841SEHF/PROTO Datasheet HTML 26Page - Renesas Technology Corp ISL71841SEHF/PROTO Datasheet HTML 27Page - Renesas Technology Corp ISL71841SEHF/PROTO Datasheet HTML 28Page - Renesas Technology Corp ISL71841SEHF/PROTO Datasheet HTML 29Page - Renesas Technology Corp ISL71841SEHF/PROTO Datasheet HTML 30Page - Renesas Technology Corp ISL71841SEHF/PROTO Datasheet HTML 31Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
ISL71841SEH
FN8735 Rev. 8.00
Page 27 of 30
Aug 10, 2023
Revision History The revision history provided is for informational purposes only and is believed to beaccurate, butnot warranted.
Please visit our website to make sure you have the latest revision.
DATE
REVISION
CHANGE
Aug 10, 2023
8.00
Removed Related Literature section.
Updated Ordering Information table and notes.
In ABS MAX RATINGS Section on page 5 changed Digital Input Voltage Range (EN, Ax) from GND to V+, to
GND - 0.3V to +16.5V.
Updates to the Electrical Specifications (±15V) table are as follows:
• On page 5, for parameters Channel On-Resistance, rON Match Between Channels, and ON-Resistance
Flatness, added VEN = 0V to the Test Conditions.
• On page 6, for parameter Switch Off Leakage with Device Powered OFF changed it to Switch Off Leakage
with Device Powered OPEN.
• On page 6, added new parameter Switch On Leakage Current into the Drain (Overvoltage) specification.
• On page 6, for parameter Switch On Leakage Current into the Source (Overvoltage), updated the limits
values and units to µA.
• On page 6, for parameter Switch Off Leakage Current into the Source (Overvoltage), added a new
TA = -55°C” specification.
• On page 7, for parameter Switch On Leakage Current into the Source/Drain, added VEN = 0V to the Test
Conditions.
• Changed the I+, I- Quiescent & Standby Supply Current parameters to VREF = 5.5V, VIN = 0V, VA = 0.8V.
• Changed parameter nomenclature for Supply Current Into VREF to Quiescent Supply Current Into VREF.
• Added new specification parameter Standby Current Into VREF.
Updates to the Electrical Specifications (±12V) table on page 8 are as follows:
• For parameters Channel On-Resistance, rON Match Between Channels, and ON-Resistance Flatness,
added VEN = 0V to the Test Conditions.
• Changed the I+, I- Quiescent & Standby Supply Current parameters to VREF = 5.5V, VIN = 0V, VA = 0.8V.
• Changed parameter nomenclature for Supply Current Into VREF to Quiescent Supply Current Into VREF.
• Added new specification parameter Standby Current Into VREF.
Feb 23, 2018
7.00
Added “Considerations for Redundant Applications” on page 24.
Removed About Intersil and updated disclaimer.
Nov 30, 2017
6.00
Added ESD circuit images in Figure 3 on page 4.
Jun 22, 2017
5.00
Ordering Information table on page 3, added Notes 5 and 6.
In “Pin Descriptions” on page 4, added pin 28 to NC for the CLCC package.
Jun 3, 2016
4.00
Updated Ordering information table on page 3 by updating first column and updating Note 4.
Updated bolding in Electrical Specification table and added test conditions to the Break-Before-Make Delay,
Enable Turn-On Time and Disable Turn-Off Time specifications.
Changed from “VS” to “V±” in the titles of the Typical Performance, Post High and Post Low Dose Rate
Radiation Characteristics curve tables.
Changed units from mA to µA for Figures 32, 33, 34, 44, 45, 46, 56, 57, 58, 68, 69, 70.
Apr 15, 2016
3.00
Added ISL71841SEHVL and ISL71841SEHL/PROTO details to the Ordering Information table on page 3 and
added the applicable packaging information throughout datasheet.
Updated the heading for the Low Dose Rate Radiation Characteristics (Vs = ±15V) table on page 20 in third
sentence changed from “high” to “low”.
Updated the heading for the Low Dose Rate Radiation Characteristics (Vs = ±12V) table on page 22 in third
sentence changed from “high” to “low”.
Dec 11, 2015
2.00
Updated Y-axis labels on Figures 32 through 79.
Updated crosstalk and off Isolation MIN in Electrical Spec table on page 8 from -75 to 75 (off isolation) and
-47 to 47 (crosstalk).
Changed all instances of VDD to V+ and VSS to V-.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com