Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73840SEHF/PROTO Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL73840SEHF/PROTO
Description  Radiation Tolerant 30V 16-Channel Analog Multiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73840SEHF/PROTO Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL73840SEHF/PROTO Datasheet HTML 16Page - Renesas Technology Corp ISL73840SEHF/PROTO Datasheet HTML 17Page - Renesas Technology Corp ISL73840SEHF/PROTO Datasheet HTML 18Page - Renesas Technology Corp ISL73840SEHF/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL73840SEHF/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL73840SEHF/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL73840SEHF/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL73840SEHF/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL73840SEHF/PROTO Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ISL73840SEH
FN8845 Rev.4.00
Page 21 of 23
Aug 10, 2023
TABLE 3. ISL73840SEH DIE LAYOUT X-Y COORDINATES
PAD NUMBER
PAD NAME
PACKAGING PIN
ΔX
(µm)
ΔY
(µm)
X
(µm)
Y
(µm)
1
IN8
P26
127
127
979.5
1768.5
3
V+
P27
125
125
417.5
1754.5
4
OUT
P28
125
125
-79.5
1774.5
5
V-
P1
125
125
-474.5
1756.5
7
IN16
P4
127
127
-947.5
1752.5
10
IN15
P5
127
127
-1133.5
1310.5
11
IN14
P6
127
127
-1133.5
868.5
12
IN13
P7
127
127
-1133.5
426.5
13
IN12
P8
127
127
-1133.5
-15.5
14
IN11
P9
127
127
-1133.5
-457.5
15
IN10
P10
127
127
-1133.5
-899.5
16
IN9
P11
127
127
-1133.5
-1341.5
17
GND
P12
250
125
-1147
-1839.5
18
VREF
P13
127
127
-781.5
-1763.5
19
A3
P14
127
127
-451.5
-1763.5
20
A2
P15
127
127
-121.5
-1763.5
21
A1
P16
127
127
208.5
-1763.5
22
A0
P17
127
127
538.5
-1763.5
23
EN_B
P18
127
127
868.5
-1763.5
25
IN1
P19
127
127
1133.5
-1341.5
26
IN2
P20
127
127
1133.5
-899.5
27
IN3
P21
127
127
1133.5
-457.5
28
IN4
P22
127
127
1133.5
-15.5
29
IN5
P23
127
127
1133.5
426.5
30
IN6
P24
127
127
1133.5
868.5
31
IN7
P25
127
127
1133.5
1310.5
NOTE: Origin of coordinates is the center of the die.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com