Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71841SEHX/SAMPLE Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL71841SEHX/SAMPLE
Description  Radiation Hardened 30V 32-Channel Analog Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71841SEHX/SAMPLE Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL71841SEHX/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp ISL71841SEHX/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp ISL71841SEHX/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp ISL71841SEHX/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp ISL71841SEHX/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp ISL71841SEHX/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp ISL71841SEHX/SAMPLE Datasheet HTML 10Page - Renesas Technology Corp ISL71841SEHX/SAMPLE Datasheet HTML 11Page - Renesas Technology Corp ISL71841SEHX/SAMPLE Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ISL71841SEH
FN8735 Rev. 8.00
Page 8 of 30
Aug 10, 2023
Off Isolation
VISO
VEN = 4V, RL = 1kΩ, f = 200kHz, CL = 7pF,
VRMS = 3V
75
-
-
dB
Crosstalk
VCT
VEN = 0.8V, RL = 1kΩ, f = 200kHz, CL = 7pF,
VRMS = 3V
47
-
-
dB
Digital Input Capacitance
CA
f = 1MHz, V+ = V- = 0V
-
-
7
pF
Input Capacitance
CIN(OFF)
f = 1MHz, V+ = V- = 0V
-
-
5
pF
Output Capacitance
COUT(OFF)
f = 1MHz, V+ = V- = 0V
-
-
50
pF
Electrical Specifications (±12V) V+ = 12V, V- = -12V, V
AH = 4.0V, VAL = 0.8V, VREF = VEN = 5.0V, TA= +25°C, unless otherwise noted.
Boldface limits apply across the operating temperature range,
-55°C to +125°C or across a total ionizing dose of 300krad(Si) with exposure of a high
dose rate of 50 to 300krad(Si)/s or a total ionizing dose of 50krad(Si) with exposure at a low dose rate of <10mrad(Si)/s.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 11)TYP
MAX
(Note 11)UNIT
Analog Input Signal Range
VS
V-
V+
V
Channel ON-Resistance
rON
V± = ±10.8V, ±13.2V
IOUT = -1mA, VIN = +5V, -5V, VEN = 0V
--
500
Ω
V± = ±10.8V, ±13.2V
IOUT = -1mA, VIN = V+, V-, VEN = 0V
--
700
Ω
rON Match Between Channels
ΔrON
VIN = +5V, -5V; IOUT = -1mA, VEN = 0V
-
10
20
Ω
ON-Resistance Flatness
RFLAT(ON)
VIN = +5V, -5V, V± = ±13.2V, VEN = 0V
-
-
25
Ω
VIN = +5V, -5V, V± = ±10.8V, VEN = 0V,
TA = +25°C, -55°C, +125°C
--
30
Ω
VIN = +5V, -5V, V± = ±10.8V, VEN = 0V, post
radiation, TA = +25°C
--
40
Ω
Quiescent Supply Current
I+
VREF= 5.5V, VIN = 0V, VA = 0.8V, VEN = 0.8V,
V± = ±10.8V, ±13.2V
--
400
µA
I-
VREF= 5.5V, VIN = 0V, VA = 0.8V, VEN = 0.8V,
V± = ±10.8V, ±13.2V
-400
--
µA
Standby Supply Current
I+
VREF = 5.5V, VIN = 0V, VA = 0.8V, VEN = 4.0V,
V± = ±10.8V, ±13.2V
--
400
µA
I-
VREF = 5.5V, VIN = 0V, VA = 0.8V, VEN = 4.0V,
V± = ±10.8V, ±13.2V
-400
--
µA
Quiescent Supply Current Into VREF
IREF
VREF = 5.5V, VIN = 0V, VA = 0.8V, VEN = 0.8V,
V± = ±10.8V, ±13.2V
--
35
µA
Standby Current Into VREF
IREF(STBY)
VREF = 5.5V, VIN = 0V, VA = 0.8V, VEN = 4.0V,
V± = ±10.8V, ±13.2V
--
35
µA
DYNAMIC
Transition Time
tALH
Figures 5, 6
-0.5
800
ns
Transition Time
tAHL
Figures 5, 6
-0.5
800
ns
Break-Before-Make Delay
tBBM
Figures 9, 10 TA = -55°C, +25°C, +125°C
5
50
200
ns
Post radiation
5
-
400
ns
Enable Turn-On Time
tENABLE
Figures 7, 8 TA = -55°C, +25°C, +125°C
-
0.5
600
ns
Post radiation
-
-
800
ns
Electrical Specifications (±15V) V+ = 15V, V- = -15V, V
AH = 4.0V, VAL = 0.8V, VREF = VEN = 5.0V, TA= +25°C, unless otherwise noted.
Boldface limits apply across the operating temperature range,
-55°C to +125°C or across a total ionizing dose of 300krad(Si) with exposure of a high
dose rate of 50 to 300krad(Si)/s or a total ionizing dose of 50krad(Si) with exposure at a low dose rate of <10mrad(Si)/s. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 11)TYP
MAX
(Note 11)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com