Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73096RHF/PROTO Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL73096RHF/PROTO
Description  Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73096RHF/PROTO Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL73096RHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ISL73096RH, ISL73127RH, ISL73128RH, ISL73096EH, ISL73127EH, ISL73128EH
FN6475 Rev 4.00
Page 5 of 11
June 27, 2014
Absolute Maximum Ratings
Thermal Information
Collector to Emitter Voltage (Open Base)
ISL73096, ISL73127 (NPN Characteristics) . . . . . . . . . . . . . . . . . . . . +8V
ISL73096, ISL73128 (PNP Characteristics) . . . . . . . . . . . . . . . . . . . . . -8V
Collector to Base Voltage (Open Emitter)
ISL73096, ISL73127 (NPN Characteristics) . . . . . . . . . . . . . . . . . . . +12V
ISL73096, ISL73128 (PNP Characteristics) . . . . . . . . . . . . . . . . . . . .-10V
Emitter to Base Voltage (Reverse Bias)
ISL73096, ISL73127 (NPN Characteristics) . . . . . . . . . . . . . . . . . . +5.5V
ISL73096, ISL73128 (PNP Characteristics) . . . . . . . . . . . . . . . . . . . -4.5V
Collector Current at 100% Duty Cycle, at TJ +175°C . . . . . . . . . . . .11.3mA
Power Dissipation (Pd), at TA +25°C . . . . . . . . . . . . . . . . . . . . . . . . . .1.25W
Power Dissipation (Pd), at TA +125°C. . . . . . . . . . . . . . . . . . . . . . . . . 0.41W
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
16 Ld FLATPACK Package( Notes 3, 4) . . .
120
28
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Maximum Junction Temperature (TJMAX) . . . . . . . . . . . . . . . . . . . . .+175°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Ambient Operating Temperature Range . . . . . . . . . . . . . .-55°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
3.
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4. For
JC, the “case temp” location is the center of the package underside.
Electrical Specifications TA = +25°C, unless otherwise noted. Boldface limits apply across the operating temperature range, -55°C to
+125°C; across a total ionizing dose of 300krad(Si) with exposure at a high dose rate of 50 to 300 rad(Si)/s or over a total ionizing dose of 50krad(Si)
with exposure a low dose rate of <10mrad(Si)/s at +25°C.
SYMBOL
DESCRIPTION
TEST CONDITIONS
MIN
(Note 5)TYP
MAX
(Note 5)
UNITS
NPN PARAMETER
V(BR)CBO
Collector to Base Breakdown Voltage
IC = 100µA, IE = 0
12
V
V(BR)CEO
Collector to Emitter Breakdown Voltage
IC = 100µA, IB = 0
8
V
V(BR)CES
Collector to Emitter Breakdown Voltage
IC = 100µA, base shorted to emitter
10
V
V(BR)EBO
Emitter to Base Breakdown Voltage
IE = 10µA, IC = 0
5.5
V
VCE(SAT)
Collector to Emitter Saturation Voltage
IC = 10mA, IB = 1mA
0.5
V
VBE
Base to Emitter Voltage
IC = 10mA
0.95
V
1.05
V
hFE
DC Forward Current Transfer Ratio
IC = 10mA, VCE = 2V
80
40
VA
Early Voltage
IC = 1mA, VCE = 3.5V
20
V
PNP PARAMETER
V(BR)CBO
Collector to Base Breakdown Voltage
IC = -100µA, IE = 0
10
V
V(BR)CEO
Collector to Emitter Breakdown Voltage
IC = -100µA, IB = 0
8
V
V(BR)CES
Collector to Emitter Breakdown Voltage
IC = -100µA, base shorted to emitter
10
V
V(BR)EBO
Emitter to Base Breakdown Voltage
IE = -10µA, IC = 0
4.5
V
VCE(SAT)
Collector to Emitter Saturation Voltage
IC = -10mA, IB = -1mA
0.5
V
VBE
Base to Emitter Voltage
IC = -10mA
0.95
V
1.05
V
hFE
DC Forward Current Transfer Ratio
IC = -10mA, VCE = -2V
40
20
VA
Early Voltage
IC = -1mA, VCE = -3.5V
10
V
NOTE:
5. Compliance to data sheet limits is assured by one or more methods: production test, characterization and/or design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com