Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES14A0A-E28-R464N Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # ES14A0A-E28-R464N
Description  ES14 - 14 mm Rotary Optical Encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ES14A0A-E28-R464N Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  ES14A0A-E28-R464N Datasheet HTML 1Page - Bourns Electronic Solutions ES14A0A-E28-R464N Datasheet HTML 2Page - Bourns Electronic Solutions ES14A0A-E28-R464N Datasheet HTML 3Page - Bourns Electronic Solutions ES14A0A-E28-R464N Datasheet HTML 4Page - Bourns Electronic Solutions ES14A0A-E28-R464N Datasheet HTML 5Page - Bourns Electronic Solutions ES14A0A-E28-R464N Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ES14 - 14 mm Rotary Optical Encoder
Electrical Block Diagram
09/19
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
EMEA: Tel: +36 88 885 877 • Fax: +36 88 520 211
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
Asia-Pacific:
Opto
ASIC
Ground
IRED
10k
10k
Channel A
No Connection
No Connection
Power
Channel B
–
A
1
2
+
B
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com