Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4514BCWM Datasheet(PDF) 1 Page - SYC Electronica

Part # CD4514BCWM
Description  4-Bit Latched/4-to-16 Line Decoders
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4514BCWM Datasheet(HTML) 1 Page - SYC Electronica

  CD4514BCWM Datasheet HTML 1Page - SYC Electronica CD4514BCWM Datasheet HTML 2Page - SYC Electronica CD4514BCWM Datasheet HTML 3Page - SYC Electronica CD4514BCWM Datasheet HTML 4Page - SYC Electronica CD4514BCWM Datasheet HTML 5Page - SYC Electronica CD4514BCWM Datasheet HTML 6Page - SYC Electronica CD4514BCWM Datasheet HTML 7Page - SYC Electronica CD4514BCWM Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CD4514
• CD4515
4-Bit Latched/4-to-16 Line Decoders
General Description
The CD4514BC and CD4515BC are 4-to-16 line decoders
with latched inputs implemented with complementary MOS
(CMOS) circuits constructed with N- and P-channel
enhancement mode transistors. These circuits are prima-
rily used in decoding applications where low power dissipa-
tion and/or high noise immunity is required.
The CD4514BC (output active high option) presents a logi-
cal “1” at the selected output, whereas the CD4515BC pre-
sents a logical “0” at the selected output. The input latches
are R–S type flip-flops, which hold the last input data pre-
sented prior to the strobe transition from “1” to “0”. This
input data is decoded and the corresponding output is acti-
vated. An output inhibit line is also available.
Features
s Wide supply voltage range:
3.0V to 15V
s High noise immunity: 0.45 VDD (typ.)
s Low power TTL: fan out of 2
compatibility:
driving 74L
s Low quiescent power dissipation:
0.025
µW/package @ 5.0 V
DC
s Single supply operation
s Input impedance
= 1012Ω typically
s Plug-in replacement for MC14514, MC14515
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Connection Diagram
Top View
Order Number
Package Number
Package Diagram
CD4514BCWM
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
CD4514BCN
N24A
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-011, 0.600 Wide
CD4515BCWM
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
CD4515BCN
N24A
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-011, 0.600 Wide
www.sycelectronica.com.ar


Similar Part No. - CD4514BCWM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4514BCWM FAIRCHILD-CD4514BCWM Datasheet
84Kb / 8P
4-Bit Latched/4-to-16 Line Decoders
CD4514BCWM FAIRCHILD-CD4514BCWM Datasheet
235Kb / 8P
4-Bit Latched/4-to-16 Line Decoders
More results

Similar Description - CD4514BCWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54154 NSC-54154 Datasheet
116Kb / 6P
4-Line to 16-Line Decoders/Demultiplexers
logo
Texas Instruments
CD4514B TI-CD4514B Datasheet
222Kb / 12P
CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC Datasheet
84Kb / 8P
4-Bit Latched/4-to-16 Line Decoders
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS Datasheet
92Kb / 9P
CMOS 4-Bit Latch/4-to-16 Line Decoders
December 1992
logo
National Semiconductor ...
CD4514BM NSC-CD4514BM Datasheet
135Kb / 6P
4-Bit Latched/4-to-16 Line Decoders
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC_04 Datasheet
235Kb / 8P
4-Bit Latched/4-to-16 Line Decoders
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS_06 Datasheet
340Kb / 9P
CMOS 4-Bit Latch/4-to-16 Line Decoders
July 14, 2006
logo
Texas Instruments
CD4514BM96G4 TI1-CD4514BM96G4 Datasheet
995Kb / 15P
CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
CD4514BM96G4 TI-CD4514BM96G4 Datasheet
978Kb / 15P
CMOS 4-Bit Latch 4-to-16 Line Decoders
CD4514B TI1-CD4514B_16 Datasheet
1Mb / 15P
Cmos 4-Bit Latch/4-to-16 Line Decoders
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com