Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3290 Datasheet(PDF) 26 Page - SMSC Corporation

Part # USB3290
Description  Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3290 Datasheet(HTML) 26 Page - SMSC Corporation

Back Button USB3290_07 Datasheet HTML 22Page - SMSC Corporation USB3290_07 Datasheet HTML 23Page - SMSC Corporation USB3290_07 Datasheet HTML 24Page - SMSC Corporation USB3290_07 Datasheet HTML 25Page - SMSC Corporation USB3290_07 Datasheet HTML 26Page - SMSC Corporation USB3290_07 Datasheet HTML 27Page - SMSC Corporation USB3290_07 Datasheet HTML 28Page - SMSC Corporation USB3290_07 Datasheet HTML 29Page - SMSC Corporation USB3290_07 Datasheet HTML 30Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
Datasheet
Revision 1.5 (11-02-07)
26
SMSC USB3290
DATASHEET
7.6
USB 2.0 Transceiver
The SMSC Hi-Speed USB 2.0 Transceiver consists of the High Speed and Full Speed Transceivers,
and the Termination resistors.
7.6.1
High Speed and Full Speed Transceivers
The USB3290 transceiver meets all requirements in the USB 2.0 specification.
The receivers connect directly to the USB cable. This block contains a separate differential receiver
for HS and FS mode. Depending on the mode, the selected receiver provides the serial data stream
through the multiplexer to the RX Logic block. The FS mode section of the FS/HS RX block also
consists of a single-ended receiver on each of the data lines to determine the correct FS linestate. For
HS mode support, the FS/HS RX block contains a squelch circuit to insure that noise is never
interpreted as data.
The transmitters connect directly to the USB cable. The block contains a separate differential FS and
HS transmitter which receive encoded, bit stuffed, serialized data from the TX Logic block and transmit
it on the USB cable.
7.6.2
Termination Resistors
The USB3290 transceiver fully integrates all of the USB termination resistors. The USB3290 includes
the 1.5k
Ω pull-up resistor on DP. In addition the 45Ω high speed termination resistors are also
integrated. These integrated resistors require no tuning or trimming. The state of the resistors is
determined by the operating mode of the PHY. The possible valid resistor combinations are shown in
Table 7.1.
RPU_DP_EN activates the 1.5k
Ω DP pull-up resistor
HSTERM_EN activates the 45
Ω DP and DM high speed termination resistors
Table 7.1 DP/DM Termination vs. Signaling Mode
SIGNALING MODE
UTMI+ INTERFACE SETTINGS
RESISTOR
SETTINGS
Tri-State Drivers
Xb
Xb
01b
0b
0b
Power-up
1b
0b
00b
0b
0b
Peripheral Chirp
0b
1b
10b
1b
0b
Peripheral HS
0b
0b
00b
0b
1b
Peripheral FS
1b
1b
00b
1b
0b
Peripheral HS/FS Suspend
1b
1b
00b
1b
0b
Peripheral HS/FS Resume
1b
1b
10b
1b
0b
Peripheral Test J/Test K
0b
0b
10b
0b
1b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com