Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1156 Datasheet(PDF) 13 Page - ams AG

Part # AS1156
Description  Single/Dual LVDS Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1156 Datasheet(HTML) 13 Page - ams AG

Back Button AS1156 Datasheet HTML 7Page - ams AG AS1156 Datasheet HTML 8Page - ams AG AS1156 Datasheet HTML 9Page - ams AG AS1156 Datasheet HTML 10Page - ams AG AS1156 Datasheet HTML 11Page - ams AG AS1156 Datasheet HTML 12Page - ams AG AS1156 Datasheet HTML 13Page - ams AG AS1156 Datasheet HTML 14Page - ams AG AS1156 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
13 - 15
AS1156/AS1154
austriamicrosystems
Data Sheet
Board Layout
10 Package Drawings and Markings
The AS1156/AS1154 is available in a 8-pin SOIC package.
Figure 23. 8-pin SOIC Package
Symbol
Min
Max
A1.52
1.72
A1
0.10
0.25
A2
1.37
1.57
B0.36
0.46
C0.19
0.25
D4.80
4.98
E3.81
3.99
e1.27BSC
H5.80
6.20
h0.25
0.50
L0.41
1.27
α
0º
8º
ZD
0.53REF
Notes:
1. Lead coplanarity should be 0 to 0.10mm (.004”) max.
2. Package surface finishing:
- Top, matte (charmilles #18-30)
- All sides, matte (charmilles +18-30)
- Bottom, smooth or matte (charmilles +18-30)
3. All dimensions excluding mold flashes and end flash from the pack-
age body shall not exceed 0.25mm (.010”) per side.
4. Details of pin #1 mark are optional but must be located within the
area indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com