Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0830172 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830172
Description  EMLS (20X20)R SR CUS - Safety label with special adhesive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830172 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830172 Datasheet HTML 1Page - PHOENIX CONTACT 0830172 Datasheet HTML 2Page - PHOENIX CONTACT 0830172 Datasheet HTML 3Page - PHOENIX CONTACT 0830172 Datasheet HTML 4Page - PHOENIX CONTACT 0830172 Datasheet HTML 5Page - PHOENIX CONTACT 0830172 Datasheet HTML 6Page - PHOENIX CONTACT 0830172 Datasheet HTML 7Page - PHOENIX CONTACT 0830172 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Safety label with special adhesive, can be ordered: by line, silver, labeled according to customer
specifications, mounting type: adhesive, text field height: 20 mm, text field width: 20 mm
Your advantages
The EMLS is a tamper-proof label that can be used as a rating plate or a sealing label
•
When detaching, a part of the metallized layer separates. It leaves a triangular pattern on the label and substrate. The safety function is reliable
up to 80°C
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
Labeling service: Phoenix Contact can custom-label all EMLS ... markers according to your requirements
•
The EMLS ... materials are UL-listed
•
Commercial data
Item number
0830172
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8141
Catalog page
Page 289 (C-5-2013)
GTIN
4046356628037
Weight per piece (including packing)
1.99 g
Weight per piece (excluding packing)
1.99 g
Country of origin
PL
EMLS (20X20)R SR CUS - Safety label with special
adhesive
0830172
https://www.phoenixcontact.com/us/products/0830172
May 16, 2025, 7:50AM
Page 1 (8)


Similar Part No. - 0830172

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830170 PHOENIX-0830170 Datasheet
198Kb / 8P
EML-HT (15X15)R CUS - High-temperature label
0830171 PHOENIX-0830171 Datasheet
205Kb / 8P
EMLS (19X6)R SR CUS - Safety label with special adhesive
0830173 PHOENIX-0830173 Datasheet
203Kb / 8P
EMLS (40X15)R SR CUS - Safety label with special adhesive
0830174 PHOENIX-0830174 Datasheet
199Kb / 8P
EMLS (70X32)R SR CUS - Safety label with special adhesive
0830175 PHOENIX-0830175 Datasheet
204Kb / 8P
EMLS (15X9)R SR CUS - Safety label with special adhesive
More results

Similar Description - 0830172

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824348 PHOENIX-0824348 Datasheet
57Kb / 4P
Label - EML (15X6) R YE CUS
0801729 PHOENIX-0801729 Datasheet
47Kb / 3P
Plastic label - EMLP (60X30)R SR
0801994 PHOENIX-0801994 Datasheet
50Kb / 4P
Label - EML (110XE)R SR
0802697 PHOENIX-0802697 Datasheet
49Kb / 3P
Label - EML (100X40)R SR
0824254 PHOENIX-0824254 Datasheet
50Kb / 3P
Label sheet, DIN A4 - BMKL 27X12,5 SR CUS
0830602 PHOENIX-0830602 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (20X20)R
0830613 PHOENIX-0830613 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (20X20)R SR
1014304 PHOENIX-1014304 Datasheet
44Kb / 2P
Magnetic label - PMM (EX20)R SR
1014313 PHOENIX-1014313 Datasheet
44Kb / 2P
Magnetic label - PMM (EX40)R SR
1014316 PHOENIX-1014316 Datasheet
44Kb / 2P
Magnetic label - PMM (EX50)R SR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com