Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEM310 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # CEM310
Description  COM Express Type 10 Development Baseboard
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CEM310 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  CEM310 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CPU
On the module
System Memory
On the module
Chipset
SoC integrated
BIOS
On the module
SD
1 x SD card slot
Watchdog Timer
On the module
Expansion Interface
3 x PCIe x1
1 x Full-size PCI Express Mini Card slot
Battery Lithium
Lithium 3V/195mAH
Power Input
DC input: 5V - 20V (max @ 10A), support single power source
and VCC_RTC from COM Express connector
AT/ATX mode support
Dimensions
293.4 x 171.5 mm
Board Thickness
1.6 mm
Operating Temperature
-40ºC to +85ºC (-40ºF to +185ºF)
Humidity
10% to 95% relative humidity, non-condensing
Standard
CEB94017
(P/N: E394017101)
COM Express Type 10 development baseboard
Compliant Modules
CEM846 Series
COM Express Type 10 Mini module with Intel® Atom®
E3845/3827/ 3815, 4GB/2GB, DDI/LVDS, GbE LAN and USB 3.0
CEM300 Series
COM Express Type 10 Mini module with Intel® Pentium®
N3710/Celeron® N3160/N3060, 4GB, DDI/LVDS, GbE LAN
and USB 3.0
CEM310 series
COM Express Type 10 Mini module with Intel® Atom®
x7-E3950/x5-E3940/x5-E3930, DDI/LVDS, USB 3.0 and GbE
LAN
CEM311 series
COM Express Type 10 Mini module with Intel® Pentium®
N4200/Celeron® N3350, DDI/LVDS, USB 3.0 and GbE LAN
SATA
2 x SATA
Hardware Monitoring
N/A
Ethernet
1 x 10/100/1000 Mbps Ethernet
Audio
1 x Audio jack
USB
4 x USB 2.0 (wafer connector)
2 x USB 3.0
1 x micro USB (USB 2.0)
Serial
2 x TX/RX
2 x RS-232/422/485
TPM
N/A
SMBus
Yes
Others
Port 80 Display
Dual 7 segments port 80 display for
convenient debugging purpose through
LPC interface
GPIO
4-CH in & 4-CH out
Display
1 x 40-pin LVDS / 1 x 8-pin inverter connector
1 x eDP
1 x jumper for LVDS panel 3.3V/5V/12V voltage selection
1 x jumper selection LVDS/eDP
1 x DisplayPort
I/O
Packing List
Core System
Quick installation guide, user’s manual/utility CD
Ordering Information
CEB94017
COM Express Type 10 Development Baseboard
Features
● COM Express Type 10 baseboard
● 2 SATA-300 and SD card slot
● 1 PCI Express Mini Card slot
● 5 USB 2.0 and 2 USB 3.0
● Port 80 display for debugging
NEW
Side view
PCIe Mini
PCIe Mini
PCIe Mini
USB 3.0
USB
USB
Ext. Temp
Full Solid
Cap Design
I
2C
SMBus
Audio
DisplayPort
Micro USB
LAN and USB 3.0
COM-DB9
connectors
COM Express Type 10
connector
eDP
SATA
SATA power
connector
USB 2.0
Front panel
connector
COM
Digital I/O
PCI Express
Mini Card slot
Fan
8-pin ATX power
connector
24-pin ATX power
connector
DC IN connector
SD card slot
Inverter connector
LVDS
3 x PCIe x1
45
www.axiomtek.com
© 2019 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Updated Jul. 29, 2019.


Similar Part No. - CEM310

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM310 AXIOMTEK-CEM310 Datasheet
512Kb / 3P
COM Express Type 10 Mini Module with Intel Atom® x5 and x7 Processor
CEM310-D3C-P1G AXIOMTEK-CEM310-D3C-P1G Datasheet
512Kb / 3P
COM Express Type 10 Mini Module with Intel Atom® x5 and x7 Processor
CEM310-F2B-P1G AXIOMTEK-CEM310-F2B-P1G Datasheet
512Kb / 3P
COM Express Type 10 Mini Module with Intel Atom® x5 and x7 Processor
logo
CET-MOS Technology Corp...
CEM3100 CET-MOS-CEM3100 Datasheet
633Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
CEM3108 CET-MOS-CEM3108 Datasheet
496Kb / 5P
Dual N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2019.Apr
More results

Similar Description - CEM310

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-DB5700 ADVANTECH-SOM-DB5700 Datasheet
258Kb / 2P
COM-Express Development Board
SOM-DB5800 ADVANTECH-SOM-DB5800 Datasheet
1Mb / 2P
Development Board for COM Express Type 6 Pin-out Modules
logo
Axiomtek Co., Ltd.
CEB94008 AXIOMTEK-CEB94008 Datasheet
162Kb / 1P
COM Express Type 10 Development Baseboard
CEB94006 AXIOMTEK-CEB94006_17 Datasheet
255Kb / 1P
COM Express Type 6 Development Baseboard
CEB94011 AXIOMTEK-CEB94011 Datasheet
343Kb / 1P
COM Express Type 6 Development Baseboard
CEB94008 AXIOMTEK-CEB94008_17 Datasheet
214Kb / 1P
COM Express Type 10 Development Baseboard
ETB9F000 AXIOMTEK-ETB9F000_17 Datasheet
639Kb / 1P
ETX Development Baseboard
logo
Advantech Co., Ltd.
SOM-DB5900 ADVANTECH-SOM-DB5900 Datasheet
474Kb / 2P
Development Board for COM Express Type 6 Pin-out Modules
SOM-DB5920 ADVANTECH-SOM-DB5920 Datasheet
620Kb / 2P
Development Board for COM Express Type 7 Pin-out Modules
SOM-DB5830 ADVANTECH-SOM-DB5830 Datasheet
1Mb / 3P
Development Board for COM Express® Type 6/10 Pin-Out Modules
8-Sep-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com