Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3B02 Datasheet(PDF) 3 Page - Analog Devices

Part # 3B02
Description  3B Series 8 Channel Backplane
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B02 Datasheet(HTML) 3 Page - Analog Devices

  3B02 Datasheet HTML 1Page - Analog Devices 3B02 Datasheet HTML 2Page - Analog Devices 3B02 Datasheet HTML 3Page - Analog Devices 3B02 Datasheet HTML 4Page - Analog Devices 3B02 Datasheet HTML 5Page - Analog Devices 3B02 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3B02
Rev. 0 | Page 3 of 6
3B02 Specifications
(typical @ +25°C and ±15 V dc, and +24 V dc Power)
Description
Model 3B02
Number of Channels
8
ISOLATION
Input-to-Output Continuous
Channel-to-Channel Continuous
1500 V rms, Maximum
1500 V rms, Maximum
MECHANICAL DIMENSIONS – with modules
11.0” x 5.2” x 4.373”
(279.4 mm x 132.08 mm x 111.07 mm)
Mounting Standoffs
5
COLD JUNCTION TEMPERATURE SENSORS
Number provided on backplane
Initial Accuracy @ +25
oC
Accuracy +5
oC to +45oC
8
+0.5
oC
+0.5
oC (+0.0125oC/oC)
SYSTEM I/O CONNECTOR
Number
Type
2, 26-pin
Amp 746290-6
POWER SUPPLY OPTIONS
Voltage; AC Power Supply
Voltage; DC Power Supply
Voltage; External Supplies
Fuse; AC Power Supply
115 VAC
+25 VAC
+15 VDC and +24 VDC
220 VAC @ 500 mA
POWER INDICATOR
LED’s indicate +15 VDC and + 24 VDC Power Applied
Environmental
Temperature Range
Rated Performance
-25°C to +85°C
Operating
-25°C to +85°C
Storage
-40°C to +85°C
Relative Humidity, 24 hours
0 to 95% @ +60°C noncondensing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com