Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VCX574FT Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74VCX574FT
Description  Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX574FT Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74VCX574FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX574FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX574FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX574FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX574FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX574FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX574FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX574FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX574FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TC74VCX574FT/FK
2007-10-19
2
Pin Assignment (top view)
IEC Logic Level
Truth Table
Inputs
OE
CK
D
Outputs
H
X
X
Z
L
X
Qn
L
L
L
L
H
H
X: Don’t care
Z: High impedance
Qn: No change
System Diagram
VCC
20
Q0
Q1
Q2
Q3
Q4
19
18
17
16
15
14
OE
1
2
3
4
5
6
7
D0
D1
D2
D3
D4
D5
Q5
8
9
10
D6
D7
GND
13
12
11
Q6
Q7
CK
(1)
(11)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(19)
(18)
(17)
(16)
(15)
(14)
(13)
(12)
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
EN
1D
C1
OE
CK
D0
D1
D2
D3
D4
D5
D6
D7
CK
OE
Q1
1
11
2
19
Q2
3
18
Q3
4
17
Q4
5
16
Q5
6
15
Q6
7
14
Q7
8
13
CK
Q
D
CK
Q
D
CK
Q
D
CK
Q
D
CK
Q
D
CK
Q
D
CK
Q
D
D1
D2
D3
D4
D5
D6
D7
9
12
CK
Q
D
Q0
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com