Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC14441B52RLT Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # SC14441B52RLT
Description  1.8 Single Chips for DECT with RFPA and QSPI
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SC14441B52RLT Datasheet(HTML) 1 Page - Renesas Technology Corp

  SC14441B52RLT Datasheet HTML 1Page - Renesas Technology Corp SC14441B52RLT Datasheet HTML 2Page - Renesas Technology Corp SC14441B52RLT Datasheet HTML 3Page - Renesas Technology Corp SC14441B52RLT Datasheet HTML 4Page - Renesas Technology Corp SC14441B52RLT Datasheet HTML 5Page - Renesas Technology Corp SC14441B52RLT Datasheet HTML 6Page - Renesas Technology Corp SC14441B52RLT Datasheet HTML 7Page - Renesas Technology Corp SC14441B52RLT Datasheet HTML 8Page - Renesas Technology Corp SC14441B52RLT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Short Datasheet
SC14441A/B/C, SC14442A
1.8 Single Chips for DECT with RFPA and QSPI
R32DO0002EE0100 Rev.01.00
June 26, 2024
CFR0011-120-00
Page 1
© 2024 Renesas Electronics
This short datasheet is an addendum to the
SC14441A/B/C, SC14442A datasheet.
The SC14441A/B/C, SC14442A are a family of
digital CMOS ICs with fully integrated radio
transceivers including RF Power Amplifier and
baseband processors for DECT and DECT 6.0
CAT-iQ handsets and base stations. The program
memory and data storage resided in a low cost, low
pin count Quad SPI (QSPI) Serial Flash. The dual
row LGA approach provides a backward compatible
pinning to the SC14481 devices.
Key Features
▪ Complies with DECT ETS 300 175-2,3 & 8 and
DECT 6.0
▪ 10.368/20.736 MHz XTAL digital controlled
oscillator
▪ Processing power
• 82.944 MHz 16 bit CompactRISCTM
CR16Cplus with 16 kB instruction and data
cache
• Four channel DMA controller with
(non-)blocking mode
• 82.944 MHz programmable Gen2DSP with
MicroCode ROM and 2 kB MicroCode RAM
• Dedicated Instruction Processor (DIP)
supporting CAT-iQ slot formats (1.25 kB DIP
RAM)
▪ Development/Debug support
• Serial Debug interface, Nexus Class-1
compliant
• Performance Timer for Gen2DSP and CR16C
• Instruction/Data/Event Trace unit
• Gen2DSP debugger with 2 ch. MCROM
patching
▪ Memories
• 16 kB + 4 kB non-shared/cache RAM
• 32 kB shared RAM (0/1 wait cycles)
• 48/2 kB Gen2DSP ROM/RAM
▪ Power management
• 1.9 V to 3.45 V operating range
• 1.8 V operating voltage with 1.8 V to 3.45 V I/O
• Charge control for 2x NiMH batteries and Li-Ion
• Dual output Voltage tripler
• DC-DC converter with boost, buck, boost-buck
operation
• Three matched current sources for white LEDs
• Ultra-low power mode (ULP) 32 kHz time base
and low power CR16 Mode in off mode
• Enhanced new battery detection
• Battery voltage comparator with interrupt
▪ Analog and Audio Interfaces
• Dual 8, 16, 32 kHz 16-bit linear audio CODEC
• Analog Front End to differential and single
ended microphones and 28
Ω loudspeaker
• CLASS-D amplifier 0.5 W 2.5 V (4 Ω)
• 10 bit ADC for line interface, Battery voltage,
temperature sensor, headset detection
• Opamps for caller-id, ringing, parallel set
detection
▪ Digital interfaces
• 82.944 MHz,1.8 V to 3.3 V Quad SPI interface
for serial FLASH with erase suspend/resume
support for EEPROM function and CAT-iQ
SUOTA
• 4+2 general purpose I/O 8 bit ports
• Keyboard interface with debounce counter
• Dual UART Full duplex 9600 Bd to 230.4 kBd
• Dual SPI+™ interface 20.736 MHz
(Master/Slave)
• Dual ACCESS bus 100 kHz, 400 kHz,
1.152 MHz
• 6 channel PCM+ Interface M/S (I2S
compatible)
▪ Three general purpose timers and watch dog
timer
▪ Radio transceiver
• Integrated 1.9 GHz/1.7 GHz CMOS transceiver
<70
µs RF PLL lock time
• Four digital output ports (including two for fast
antenna diversity switching)
• -96 dBm receiver sensitivity
▪ Integrated 1.9 GHz PA for DECT
• High Power Mode EU (HPM): 25.5 dBm
• High Power Mode USA (HPM): 23.5 dBm
• Low Power Mode (LPM): 12 dBm
• "Green" Mode (GPM): 4 dBm
• Low Radiation Mode (LRM): -35 dBm
• Output power ramp and flatness control
▪ LGA96, LGA132 and QFN88 packages


Similar Part No. - SC14441B52RLT

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SC14441A DIALOG-SC14441A Datasheet
446Kb / 1P
1.8V Single Chips for DECT with RFPA and QSPI
More results

Similar Description - SC14441B52RLT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2068AHL PHILIPS-UAA2068AHL Datasheet
121Kb / 20P
Transmit chain and synthesizer with integrated VCO for DECT
1999 Jun 04
UAA2068G PHILIPS-UAA2068G Datasheet
132Kb / 20P
Transmit chain and synthesizer with integrated VCO for DECT
1998 Nov 19
logo
ATMEL Corporation
T2801 ATMEL-T2801 Datasheet
241Kb / 27P
DECT Single-Chip Transceiver
logo
National Semiconductor ...
LMX4168 NSC-LMX4168 Datasheet
41Kb / 4P
Radio Transceiver for DECT
LMX4268 NSC-LMX4268 Datasheet
39Kb / 4P
Radio Transceiver for DECT
SC14425 NSC-SC14425 Datasheet
78Kb / 5P
Complete Baseband processor for DECT Base Stations with Caller-id and Handsfree
SC14428 NSC-SC14428 Datasheet
113Kb / 6P
Baseband Processor for FP & PP DECT and WDCT
logo
ATMEL Corporation
T2801 ATMEL-T2801_06 Datasheet
499Kb / 31P
DECT Single-Chip Transceiver
logo
Dialog Semiconductor
SC14441A DIALOG-SC14441A Datasheet
446Kb / 1P
1.8V Single Chips for DECT with RFPA and QSPI
logo
MagnaChip Semiconductor...
MAP7154 MGCHIP-MAP7154 Datasheet
1Mb / 14P
6MHz, 800mA Buck Converter for RFPA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com