Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XT1 Datasheet(PDF) 1 Page - ABB

Part # XT1
Description  Tmax XT molded case circuit breakers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

XT1 Datasheet(HTML) 1 Page - ABB

  XT1 Datasheet HTML 1Page - ABB XT1 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Contact us
ABB
Electrification Products
8155 T&B Boulevard
Memphis, TN 38125
www.abb.com/lowvoltage
Customer Service: 800-816-7809
7:00 a.m. - 5:30 p.m., CST, Monday-Friday
elec_custserv@tnb.com
Technical Support: 888-385-1221, Option 1
7:00 a.m. - 5:00 p.m., CST, Monday-Friday
lvps.support@us.abb.com
Molded case circuit breakers
XT1
XT2
XT3
XT4
Frame size
A
125
125
225
250
Up to 100A
Up to 125A only with ELT and 100% up to 100A TM
Up to 225A(1)
Up to 250A(2)
Poles
[No.]
3, 4
3, 4
3, 4
2 (for N version), 3, 4
Rated service voltage, U
e
(AC) 50-60 Hz
[V]
480V (600Y)
600
480V (600Y)
600
(DC)
[V]
500
500
500
600
Versions
Fixed, plug-in
Fixed, plug-in, withdrawable
Fixed, plug-in
Fixed, plug-in, withdrawable
Interrupting ratings
N
S
H
N
S
H(5)
L(5)
V(5)
X
N
S
N
S
H(5)
L(5)
V(5)
X
Icu at 240 V (AC)
[kA] 50
65
100
65
100
150
200
200
200
50
65
65
100
150
200
200
200
Icu at 480 V (AC)
[kA] 25
35
65
25
35
65
100
150
200
25
35
25
35
65
100
150
200
Icu at 600Y/347 V (AC)
[kA] 18
22
25
—
—
—
—
—
—
10
10
—
—
—
—
—
—
Icu at 600 V (AC)
[kA] —
—
—
18
22
25
35
42
42
—
—
18
22
25
50
65
100/65(3)
250 V (DC) 2 poles in series
[kA] 35
42
50
35
50
65
75
85
85
25
35
35
42
50
85
100
—
500 V (DC) 3 poles in series
[kA] —
—
—
35
50
65
75
85
85
25
35
—
—
—
—
—
—
500 V (DC) 4 poles in series
[kA] 35
50
50
—
—
—
—
—
—
—
—
—
—
—
—
—
—
600 V (DC) 3 poles in series
[kA] —
—
—
—
—
—
—
—
—
—
—
35
50
65
75
85
—
Mechanical life
[No. operations]
25000
25000
25000
25000
[No. hourly operations]
240
240
240
240
Dimensions - fixed
(Width/Depth/Height)
3 poles [in]
3 x 2.75 x 5.12
3.54 x 3.25 x 5.12
4.13 x 2.75 x 5.90
4.13 x 3.25 x 6.3
4 poles [in]
4 x 2.75 x 5.12
4.72 x 3.25 x 5.12
5.51 x 2.75 x 5.90
5.51 x 3.25 x 6.3
Weight
Fixed 3/4 poles [lbs]
2.43 / 3.07
2.65 / 3.53
3.75 / 4.63
5.51 / 7.72
Plug-in (EF) 3/4 poles [lbs]
4.87 / 6.22
5.60 / 7.21
7.14 / 9.04
9.24 / 12.17
Withdrawable (EF) 3/4 poles [lbs]
—
7.32 / 8.91
11.02 / 14.90
Trip units
TMF
•
•
•
•
TMA
•
•
Ekip I(4)
•(4)
•(4)
Ekip LS/I(4)
•(4)
•(4)
Ekip LSI(4)
•(4)
•(4)
Ekip LSIG(4)
•(4)
•(4)
Ekip E-LSIG(4)
•(4)
(1)
Fixed version only
(2)
With F, EF, ES, FCCuAl installation
(3)
100kA up to 150A, 65kA from 175A to 250A
(4)
Not available for XT4 versions
(5)
Current limiting at 480V AC and 600V AC
Motor protection
XT1
XT2
XT3
XT4
Frame size
[A]
125
125
225
250
Poles
[No.]
3
3
3
3
Rated service voltage
(AC) 50-60 Hz
[V]
480V (600Y)
600
480V (600Y)
600
Versions
H
H
S
H
MCP
•
•
•
•
Ekip M-LIU
•
•
Molded case switch
XT1
XT2
XT3
XT4
Frame size
[A]
125
125
225
250
Poles
[No.]
3, 4
3, 4
3, 4
3, 4
Rated service voltage
(AC) 50-60 Hz
[V]
480V (600Y)
600
480V (600Y)
600
(DC)
[V]
500 4ps / 3p up to 250VDC 2ps
500 3ps
500 3ps
600 3ps
Versions
N
S
H
N
H
L
V
N
S
N
S
H
L
V
Magnetic override
[A]
1250
1250
2250
2500
Tmax XT molded case circuit breakers – UL/CSA
Simply XTraordinary


Similar Part No. - XT1

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
XT114 YIC-XT114 Datasheet
331Kb / 1P
XT114 Series
logo
OSRAM GmbH
XT12VD1G5BH35W OSRAM-XT12VD1G5BH35W Datasheet
145Kb / 3P
ECG for automotive gas discharge headlight lamps
logo
TMSS France
XT132B1FAL2 TELEMECANIQUESENSORS-XT132B1FAL2 Datasheet
253Kb / 3P
capacitive sensor - XT1 - cylindrical Ø 32 mm - brass - Sn 15 mm - cable 2 m
logo
List of Unclassifed Man...
XT150-M ETC-XT150-M Datasheet
490Kb / 2P
Material & Parameter
V1. 2
logo
TE Connectivity Ltd
XT17017 TEC-XT17017 Datasheet
913Kb / 4P
General Purpose Relays Accessories
07-2016, Rev. 0716
More results

Similar Description - XT1

ManufacturerPart #DatasheetDescription
logo
Altech corporation
ABS103U15A ALTECH-ABS103U15A Datasheet
932Kb / 10P
Molded Case Circuit Breakers UL489 Listed
logo
List of Unclassifed Man...
FAL34015 ETC2-FAL34015 Datasheet
480Kb / 2P
Molded Case Circuit Breakers
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
Miniature Molded Case Circuit Breakers
logo
List of Unclassifed Man...
A2N150TW ETC2-A2N150TW Datasheet
675Kb / 2P
FORMULA UL Molded Case Circuit Breakers
RHOCQVD ETC2-RHOCQVD Datasheet
220Kb / 3P
Molded Case Circuit Breakers
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
Circuit Breakers
R59 NTE-R59 Datasheet
494Kb / 1P
Circuit Breakers
logo
Fuji Electric
BW9N0HA FUJI-BW9N0HA Datasheet
9Mb / 93P
Molded Case Circuit Breakers
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
Circuit Breakers, Molded Case Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
Miniature circuit breakers
Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com