Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5372 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5372
Description  Evaluation Board for AD5370/AD5372/AD5373
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5372 Datasheet(HTML) 3 Page - Analog Devices

  AD5372 Datasheet HTML 1Page - Analog Devices AD5372 Datasheet HTML 2Page - Analog Devices AD5372 Datasheet HTML 3Page - Analog Devices AD5372 Datasheet HTML 4Page - Analog Devices AD5372 Datasheet HTML 5Page - Analog Devices AD5372 Datasheet HTML 6Page - Analog Devices AD5372 Datasheet HTML 7Page - Analog Devices AD5372 Datasheet HTML 8Page - Analog Devices AD5372 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Preliminary Technical Data
EVAL-AD5370/2/3EB
Rev. Pr
C | Page 3 of 12
GENERAL DESCRIPTION
FUNCTIONALITY OVERVIEW
The evaluation board for the AD537x is designed to allow the
user to fully evaluate all the functions and performance of the
AD537x prior to designing it into a system. The evaluation
board can be used in a stand-alone mode with the control
signals being provided through the 20 pin header J3 or it can be
connected to a PC using the USB cable supplied with the
evaluation board kit. Software is provided which allows the user
to program the various registers of the AD537x with ease. The
software operation is described later in this document.
POWER SUPPLIES
The evaluation board requires a +5V supply for DVCC. The VDD
and VSS supplies can be any value within the power supply
limits as specified in the AD537x data sheet. Power supply
connections are made to the screw terminals of J2. The USB
interface, if used, gets its power supply from the USB port of the
PC. This power supply is not used by the AD537x or any of its
associated circuitry. When connecting the power supply leads it
is recommended that the supplies are turned off and that the
ground leads are connected first.
REFERENCE SELECTION
The evaluation board includes two voltage references ICs, the
ADR435 and ADR423 which are 5V and 3V references
respectively. An SMB connector is provided to allow an external
voltage to be connected for use as a reference. Link LK4 is used
to select which reference source is used by the AD537x as
shown in Table 1.
Table 1. Reference Selection using LK4
LK4
Position
Description
A
The reference voltage is 3V (default)
B
The reference voltage is 5V
C
The voltage on the SMB, EXT_REF is used as the
reference voltage
By default the voltage reference pins of the AD537x, VREF0 and
VREF1, both use the same reference, i.e. that selected by LK4. If
it is required that the reference pins should use different voltage
references this can be achieved by removing the 0Ω resistor
associated with each VREF pin. The required reference can then
be connected to the testpoint associated with the VREF pin.
Table shows the 0Ω resistor and testpoint associated with each
VREF pin.
Table 2. 0Ω Resistor and Testpoints for VREF pins
VREF
Resistor
Testpoint
VREF0
R17
T63
VREF1
R18
T64
USING THE USB INTERFACE
The software provided with the evaluation board kit allows the
user to program the registers of the AD537x via the USB
interface. It is important that the software supplied is installed
on the PC before the board is connected. See the Using the USB
Software section for more information. The USB circuitry gets
its power from the USB port of the PC and will generate the
required interface signals, RESET, CLR, SYNC, SCLK etc. to
control the AD537x. To use the interface LK1, LK3 and LK8
should be in place. The function of these links is described in
Table 4.
STAND-ALONE OPERATION
The evaluation board can be used as a stand-alone device if
required. This has the advantage that it lets the user to connect
the interface pins of the AD537x to their own DSP or micro-
controller thus allowing them to write code to operate the
AD537x as their application requires. To use the board in stand-
alone mode the connection to the USB interface must be
removed. This is achieved by removing LK1, which will three-
state the connections to CLR, LDAC, SYNC, SCLK and DIN. LK3
should be removed to isolate the RESET pin from the USB
interface and the push-button. The interface signals required to
control the AD537x can then be provided through the 20 pin
header J3. The pinout of J3 is shown in Table 3
Table 3. J3 Header Pinout
Pin
Signal
Pin
Signal
1
DIN
8
LDAC
2
NC
10
CLR
3
SCLK
12
BUSY
4
NC
14
RESET
5
NC
16
NC
6
SYNC
18
NC
7,9,11,13,
15,17,19,20
DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com