Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7150 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7150
Description  Ultralow Power, 2-Channel, Capacitance Converter for Proximity Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7150 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7150 Datasheet HTML 2Page - Analog Devices AD7150 Datasheet HTML 3Page - Analog Devices AD7150 Datasheet HTML 4Page - Analog Devices AD7150 Datasheet HTML 5Page - Analog Devices AD7150 Datasheet HTML 6Page - Analog Devices AD7150 Datasheet HTML 7Page - Analog Devices AD7150 Datasheet HTML 8Page - Analog Devices AD7150 Datasheet HTML 9Page - Analog Devices AD7150 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD7150
Data Sheet
Rev. A | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND 1
VDD 2
CIN2 3
CIN1 4
EXC2 5
SDA
10
SCL
9
OUT2
8
OUT1
7
EXC1
6
AD7150
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
Ground Pin.
2
VDD
Power Supply Voltage. This pin should be decoupled to GND using a low impedance capacitor, for example,
0.1 μF X7R multilayer ceramic.
3
CIN2
CDC Capacitive Input Channel 2. The measured capacitance (sensor) is connected between the EXC2 pin and
the CIN2 pin. If not used, this pin can be left open circuit or connected to GND.
4
CIN1
CDC Capacitive Input Channel 1. The measured capacitance (sensor) is connected between the EXC1 pin and
the CIN1 pin. If not used, this pin can be left open circuit or connected to GND.
5
EXC2
CDC Excitation Output Channel 2. The measured capacitance is connected between the EXC2 pin and the
CIN2 pin. If not used, this pin should be left as an open circuit.
6
EXC1
CDC Excitation Output Channel 1. The measured capacitance is connected between the EXC1 pin and the
CIN1 pin. If not used, this pin should be left as an open circuit.
7
OUT1
Logic Output Channel 1. A high level on this output indicates proximity detected on CIN1.
8
OUT2
Logic Output Channel 2. A high level on this output indicates proximity detected on CIN2.
9
SCL
Serial Interface Clock Input. Connects to the master clock line. Requires a pull-up resistor if not provided
elsewhere in the system.
10
SDA
Serial Interface Bidirectional Data. Connects to the master data line. Requires a pull-up resistor if not provided
elsewhere in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com