Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADG902EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # EVAL-ADG902EBZ
Description  0 Hz to 4.5 GHz, 40 dB Off Isolation at 1 GHz, 17 dBm P1dB at 1 GHz SPST Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADG902EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button EVAL-ADG902EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ADG901/ADG902
Data Sheet
Rev. D | Page 8 of 13
0
–35
–30
–20
–10
–25
–15
–5
10k
100k
100M
1M
10M
1G
10G
FREQUENCY (Hz)
TA = 25°C
VDD = 2.5V
ON SWITCH
OFF SWITCH
Figure 12. Return Loss vs. Frequency (S11)
CH1 = CTRL = 1V/DIV
CH2 = RFx = 100mV/DIV
tRISE = 2.8ns
tFALL = 5.1ns
CH2
CH1
Figure 13. Switch Timing
CH1 500mV
CH2 1mV
10.0ns
1
2
CTRL
RFx
CH2 pk-pk
2.016mV
Figure 14. Video Feedthrough
40
0
5
10
15
20
25
30
35
250
350
450
550
650
750
850
FREQUENCY (MHz)
VDD = 2.5V
TA = 25C
Figure 15. IP3 vs. Frequency
20
0
2
4
6
8
10
12
14
16
18
0
250
500
750
1000
1250
1500
FREQUENCY (MHz)
VDD = 2.5V
TA = 25C
Figure 16. P−1dB vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com