Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9090B Datasheet(PDF) 26 Page - Micronas

Part # MAS9090B
Description  LOW VOLTAGE 14-BIT LINEAR CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9090B Datasheet(HTML) 26 Page - Micronas

Back Button MAS9090B Datasheet HTML 22Page - Micronas MAS9090B Datasheet HTML 23Page - Micronas MAS9090B Datasheet HTML 24Page - Micronas MAS9090B Datasheet HTML 25Page - Micronas MAS9090B Datasheet HTML 26Page - Micronas MAS9090B Datasheet HTML 27Page - Micronas MAS9090B Datasheet HTML 28Page - Micronas MAS9090B Datasheet HTML 29Page - Micronas MAS9090B Datasheet HTML 30Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
DA9090B.001
January 14, 1998
26
REGISTER DESCRIPTION
Control Registers CR8 and CR9
The frequency of both frequency generators is
programmed by CR8 and CR9.
When
standard
frequency
range
is
selected
(CR10: DFT=0, HFT=0) the frequency is defined by
formulas: f1 = CR8 / 0.128 Hz and f2 = CR9 / 0.128
Hz, where CR8 and CR9 are decimal equivalents of
the register content. Thus any frequency between
7.8 Hz and 1992 Hz in 7.8 Hz step can be selected.
When
halved
frequency
range
is
selected
(CR10:DFT=0, HFT=1) the frequency is defined by
formulas: f1 = CR8 / 0.256 Hz and f2 = CR9 / 0.256
Hz. Thus any frequency between 3.9 Hz and 996 Hz
in 3.9 Hz step can be selected.
When
doubled
frequency
range
is
selected
(CR10:DFT=1, HFT=0) the frequency is defined by
formulas: f1 = CR8 / 0.064 Hz and f2 = CR9 / 0.064
Hz. Thus any frequency between 15.6 Hz and
3984 Hz in 15.6 Hz step can be selected.
Control Register CR10
Writing bit POR (7) high puts the MAS9090 in
power-on-reset state and all data and control
registers are cleared (including the POR bit).
Logic low written to bit SCA (6) sets the chip to scan
mode. During scan CI is the input and TX is the
output. Used only for device testing.
High written to bit HPT (5) bypasses the highpass
part of the TX bandpass filter.
When Bit EXT (4) is set active the two bit output of
the ADC is disabled and data is fed from pins CR
and DR. Used only for device testing.
With bit L0 (3) it is possible to loop internally from
TX to RX. Bit L1 (2) permits looping from the
expander output to the compressor input.
Frequency Range Selection
Bits DFT (1) and HFT (0) define the frequency range
of the tone generator output. Three modes are
possible: halved, standard and doubled with output
frequencies from 3.9…996 Hz and 7.8…1992 Hz,
15.6…3984 Hz respectively.
Control Register CR11
When bit BE (7) is high it permits the connection of
f1 squarewave pulse width modulated (PWM) ring
signal to buzzer driver output pin BZ. Signal can be
amplitude modulated (AM) with squarewave signal
f2.
When bit BE is low (buzzer disabled) the state of the
output pin BZ is logical inversion of bit BI (6). This
works also in power-down state.
When buzzer output is enabled (BE = 1) bit BI (6)
controls the polarity of the duty cycle selection.
BI = 1 means the duty cycle is calculated from the
relative width of the logic one. When BI = 0 the duty
cycle is calculated from the relative width of the logic
zero.
Bits BZ5:BZ0 (5:0) define the duty cycle of the PWM
squarewave, according to the following formula: duty
cycle = CR11(5:0) x 0.78125 %, where CR11 (5:0) is
the decimal equivalent of binary value BZ5:BZ0.
Control Register CR14 (for testing)
Bits AM2:AM0 (7:5) control the analog multiplexer.
Different analog test signals can be fed to test pads.
Test pads are not wire bonded in production
packages.
Bits DM2:DM0 (4:2) control the digital multiplexer.
Different test signals can be fed to the TX output
pin.
Bit MUX (1) connects the test outputs to the TX
output pin. It is for device testing.
Bit EDX (0) enables the TX output continuously. No
pull-up resistor is needed when TX pin is the only
output for the reading device and EDX is written
High.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com