Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OTBA5LQD. Datasheet(PDF) 9 Page - Banner Engineering Corp.

Part # OTBA5LQD.
Description  OTB Series Optical Touch Button Product Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

OTBA5LQD. Datasheet(HTML) 9 Page - Banner Engineering Corp.

Back Button OTBA5LQD. Datasheet HTML 2Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 3Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 4Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 5Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 6Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 7Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 8Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 9Page - Banner Engineering Corp. OTBA5LQD. Datasheet HTML 10Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
OTB Series Optical Touch Button Product Manual
13-Nov-24
page 9 of 10
© Banner Engineering Corp. All rights reserved.
SMB30A
Right-angle bracket with curved slot for versatile orientation
Clearance for M6 (¼ in) hardware
Mounting hole for 30 mm sensor
12-gauge stainless steel
Hole center spacing: A to B=40
Hole size: A=ø 6.3, B= 27.1 × 6.3, C=ø 30.5
45
61
69
A
B
C
SSA-MBK-EEC2
Two 30 mm holes 
8 gauge steel, black finish (powder coat) 
Front surface for customer-applied labels 
Hole size: A = ø 7 , B = ø 30 
170
60
45
80
B
A
 
SSA-MBK-EEC1-SS
Single 30 mm hole 
8 gauge 316 stainless steel 
Front surface for customer-applied labels 
Hole size: A = ø 7 , B = ø 30 
80
85
60
45
B
A
 
SMB30SC
Swivel bracket with 30 mm mounting hole for sensor
Black reinforced thermoplastic polyester
Stainless steel mounting and swivel locking hardware included
Hole center spacing: A=ø 50.8
Hole size: A=ø 7.0, B=ø 30.0
67
58
29
B
A
SMBAMS30RA
Right-angle SMBAMS series bracket
30 mm hole for mounting sensors
Articulation slots for 90°+ rotation
12-gauge (2.6 mm) cold-rolled steel
Hole center spacing: A=26.0, A to B=13.0
Hole size: A=26.8 × 7.0, B=ø 6.5, C=ø 31.0
53
48
45
A
C
B
SSA-MBK-EEC1
Single 30 mm hole 
8 gauge steel, black finish (powder coat) 
Front surface for customer-applied labels 
Hole size: A = ø 7 , B = ø 30 
80
85
60
45
B
A
 
SSA-MBK-EEC3
Three 30 mm holes 
8 gauge steel, black finish (powder coat) 
Front surface for customer-applied labels 
Hole size: A = ø 7 , B = ø 30
255
B
A
80
60
45
 
The SSA-MBK-EECx brackets offer:
Horizontal and vertical (post) mounting 
Interchangeable positions of mounted devices (e.g. OTB/STB/VTB, E-Stop, K50s) 
Replacement Field Covers
Field covers are designed to prevent inadvertent activation of optical touch buttons by objects that accidentally block the sensing beam. Field
covers are constructed of rugged polypropylene and are highly resistant to abrasion and to damage by most chemicals.
Additional colors are available. Contact Banner Engineering for options.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com