Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7760 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7760
Description  AD7760/AD7762 Evaluation Board using EVAL-CED1Z
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7760 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7760 Datasheet HTML 15Page - Analog Devices AD7760 Datasheet HTML 16Page - Analog Devices AD7760 Datasheet HTML 17Page - Analog Devices AD7760 Datasheet HTML 18Page - Analog Devices AD7760 Datasheet HTML 19Page - Analog Devices AD7760 Datasheet HTML 20Page - Analog Devices AD7760 Datasheet HTML 21Page - Analog Devices AD7760 Datasheet HTML 22Page - Analog Devices AD7760 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
EVAL-AD7760/AD7762EDZ
Rev. PrB | Page 20 of 23
C68
0.1uF
0603
16V X7R Multilayer Ceramic Capacitor
FEC 9406140
C72
10uF
CAP\TAJ_B
20V Tantalum Capacitor
FEC 197427
C83
0.1uF
0805
50V X7R Multilayer Ceramic Capacitor
FEC 9406387
C84
10uF
CAP\TAJ_B
20V Tantalum Capacitor
FEC 197427
C88
100pF
0603
50V NPO Multilayer Ceramic Capacitor
FEC 9406115
C90
100pF
0603
50V NPO Multilayer Ceramic Capacitor
FEC 9406115
C93
100pF
0603
50V NPO Multilayer Ceramic Capacitor
FEC 9406115
C94
100pF
0603
50V NPO Multilayer Ceramic Capacitor
FEC 9406115
D1
DO-214AA
2A Rectifier Diode
FEC 9843876
F1
EMC_FILTER
1nF 3-Terminal Capacitor
FEC 9528202
F2
EMC_FILTER
1nF 3-Terminal Capacitor
FEC 9528202
F3
EMC_FILTER
1nF 3-Terminal Capacitor
FEC 9528202
F4
EMC_FILTER
1nF 3-Terminal Capacitor
FEC 9528202
F5
EMC_FILTER
1nF 3-Terminal Capacitor
FEC 9528202
F6
EMC_FILTER
1nF 3-Terminal Capacitor
FEC 9528202
F7
EMC_FILTER
1nF 3-Terminal Capacitor
FEC 9528202
F9
EMC_FILTER
1nF 3-Terminal Capacitor
FEC 9528202
F10
EMC_FILTER
1nF 3-Terminal Capacitor
FEC 9528202
J1
XLR-FEMALE
XLR Female Audio Connector
FEC 724518
J2
CON\POWER2
2 Pin Terminal Block (5mm Pitch)
FEC 151789
J3
HEADER40
40-Pin (2x20) PC104 Stackthrough Header
FEC 359907
J6
SMB
50 Ohm SMB Jack
FEC 4194512
J8
SMB
50 Ohm SMB Jack
FEC 4194512
J12
SMB
50 Ohm SMB Jack
FEC 4194512
L1
0603
Ferrite Bead (Wurth Electronik)
74279266LF
L2
0603
Ferrite Bead (Wurth Electronik)
74279266LF
L3
0603
Ferrite Bead (Wurth Electronik)
74279266LF
L4
0603
Ferrite Bead (Wurth Electronik)
74279266LF
L5
0603
Ferrite Bead (Wurth Electronik)
74279266LF
L6
0603
Ferrite Bead (Wurth Electronik)
74279266LF
L7
0603
Ferrite Bead (Wurth Electronik)
74279266LF
L8
0603
Ferrite Bead (Wurth Electronik)
74279266LF
L9
10nH
0603
Inductor
FEC 3877024
L10
0603
Ferrite Bead (Wurth Electronik)
74279266LF
L11
0603
Ferrite Bead (Wurth Electronik)
74279266LF
L12
0603
Ferrite Bead (Wurth Electronik)
74279266LF
L14
0603
Ferrite Bead (Wurth Electronik)
74279266LF
LK1
LINK-3P
3 Pin SIL Header (with shorting block)
FEC 1022248
R1
649R 0.1%
0603
Holsworthy (Tyco)
RN73C1J649RBTG
R2
649R 0.1%
0603
Holsworthy (Tyco)
RN73C1J649RBTG
R3
1k 0.1%
0603
Holsworthy (Tyco)
RN73C1J1K0BTG
R4
1k 0.1%
0603
Holsworthy (Tyco)
RN73C1J1K0BTG
R5
18r (17.8r) 0.1%
0402
Holsworthy (Tyco)
RN73C1J17R8BTG
R6
18r (17.8r) 0.1%
0402
Holsworthy (Tyco)
RN73C1J17R8BTG
R7
100r
0603
SMD Resistor
FEC 9330364
R8
100r
0603
SMD Resistor
FEC 9330364
R9
0r
0603
SMD Resistor
FEC 9331662
R10
0r
0603
SMD Resistor
Do not insert
R11
0r
0603
SMD Resistor
Do not insert
R12
51r
0603
SMD Resistor
FEC 9331336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com