Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9090BJ Datasheet(PDF) 23 Page - Micronas

Part # MAS9090BJ
Description  LOW VOLTAGE 14-BIT LINEAR CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9090BJ Datasheet(HTML) 23 Page - Micronas

Back Button MAS9090BJ Datasheet HTML 19Page - Micronas MAS9090BJ Datasheet HTML 20Page - Micronas MAS9090BJ Datasheet HTML 21Page - Micronas MAS9090BJ Datasheet HTML 22Page - Micronas MAS9090BJ Datasheet HTML 23Page - Micronas MAS9090BJ Datasheet HTML 24Page - Micronas MAS9090BJ Datasheet HTML 25Page - Micronas MAS9090BJ Datasheet HTML 26Page - Micronas MAS9090BJ Datasheet HTML 27Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
DA9090B.001
January 14, 1998
23
FUNCTIONAL DESCRIPTION
Control register CR10
7
654321
0
Function
POR
SCA
HPT
EXT
L1
L0
DFT
HFT
0
1
Normal operation
*
Set power-on-reset initialization
0
1
Normal operation
*
Scan. CI is input, DX is output. For device
testing.
0
1
Normal operation
*
Bypass TX highpass filter
0
1
Normal operation
*
Read 2-bit input to the decimator. For device
testing (CI and DR)
0
1
Normal operation
*
Loop from expander to compressor
0
1
Normal operation
*
Loop from TX to Rx
0
0
1
1
0
1
0
1
Standard frequency tone range
*
Halved frequency tone range
Double frequency tone range
Forbidden
Control register CR11
7
6
5
4
3
2
1
0
Function
BE
BI
BZ5
BZ4
BZ3
BZ2
BZ1
BZ0
0
1
Buzzer Output disabled (set to 0)
*
Buzzer output enabled
0
1
Duty cycle is relative to width of logic 1 *
Duty cycle is relative to width of logic 0
msb
Duty cycle control word
Control register CR14 ( for testing purposes only)
7
654321
0
Function
AM2
AM1
AM0
DM2
DM1
DM0
MUX
EDX
rxtest pin
Txtest pin
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
VSA
Anti-image filter
DAC output
RX pos. reference
RX neg. reference
RX agnd
NC
NC
VSA
Gain amplifier
VSA
Anti-image filter
VSA
VSA
VSA
NC
0
0
0
0
1
1
0
0
1
1
X
X
0
1
0
1
0
1
TX (configured for test by MUX)
Power-on reset
Input of TX bandpass filter
Sign bit of DIGSDM
512 kHz clock (phi1)
internal frame sync
Output of RX gain3
0
1
Normal operation
Connect selected test outputs to TX output
0
1
Normal operation
Enable TX output continuously
*
state at power on initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com