Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP7104 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP7104
Description  Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7104 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP7104 Datasheet HTML 7Page - Analog Devices ADP7104 Datasheet HTML 8Page - Analog Devices ADP7104 Datasheet HTML 9Page - Analog Devices ADP7104 Datasheet HTML 10Page - Analog Devices ADP7104 Datasheet HTML 11Page - Analog Devices ADP7104 Datasheet HTML 12Page - Analog Devices ADP7104 Datasheet HTML 13Page - Analog Devices ADP7104 Datasheet HTML 14Page - Analog Devices ADP7104 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
EV-RADAR-MMIC2 User Guide
UG-866
Rev. B | Page 11 of 28
EVALUATION AND TEST PROCEDURES
To evaluate and test the performance of the ADF5901,
ADF5904, and ADF4159, use the following procedure:
1. Install the EV-RADAR-MMIC2 evaluation software.
2. Connect the EV-ADAR-D2S board to the EV-RADAR-
MMIC2 evaluation board.
3. Connect the SDP board to the EV-RADAR-MMIC2.
4. Connect the dc blocked TX_OUT2 connector (J9) to the
spectrum analyzer.
5. Connect the 24.026 GHz, −50 dBm dc blocked signal from
the signal source to the RX4_RFIN connector (J6).
6. Run the EV-RADAR-MMIC software.
7. Select the SDP board and the EV-RADAR-MMIC2
(ADF5901, ADF5904, and ADF4159) device in the Select
Device and Connection tab of the software window.
8. The software is set with default settings for the
following setup:
a. Lock the ADF4159 to 12.0125 GHz (24.025 GHz on the
ADF5901).
b. Calibrate the ADF5901 to 24.125 GHz.
9. In the ADF5904 Controls tab, click Initialize to power up
the ADF5904.
10. In the ADF4159 Controls tab under the Main Controls
section, click Write All Registers to power up the ADF4159.
11. In the ADF5901 Controls tab, click Initialize ADF5901 to
power up and calibrate the ADF5901. See Figure 7 for a
typical setup.
12. Measure a 24.025 GHz signal on TX_OUT2 (J9) on the
spectrum analyzer
13. Measure a 1 MHz baseband output signal on the
O5 connector on the EV-ADAR-D2S board.
PC
SDP
ADAPTOR
BOARD
POWER
SUPPLY
+5V
OSCILLOSCOPE/
SPECTRUMANALYZER
POWER
SUPPLY
+9V
–9V
SIGNAL
SOURCE
DC
BLOCK
SPECTRUM
ANALYZER
DC
BLOCK
Figure 7. Typical Evaluation Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com