Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OTB-358 Datasheet(PDF) 1 Page - BlockMaster Electronics, Inc.

Part # OTB-358
Description  Thru-Panel Terminal Blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCKMASTER-ELECTRONICS [BlockMaster Electronics, Inc.]
Direct Link  https://www.blockmaster.com/
Logo BLOCKMASTER-ELECTRONICS - BlockMaster Electronics, Inc.

OTB-358 Datasheet(HTML) 1 Page - BlockMaster Electronics, Inc.

  OTB-358 Datasheet HTML 1Page - BlockMaster Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications: OTB-358 Series
Features:
• Thru-Panel Barrier Construction
• UL & CUL Recognized
• Cover Included
•
M5 Screws
• High Current – Rated for 60A
• Accepts # 3 AWG Wire
Electrical:
Current:
60A @ 600V
Wire Range:
3 - 10 AWG
IR:
>10
(500V DC)
Operating temp:
-40
°C - +90°C
Materials:
Housing:
PBT (UL 94V-O)
Terminal:
Brass Ni plated
Screw:
M5 Steel, Ni plated
Positions Available: 2-15
Specifications: OTB-359 Series
Features:
• Thru-Panel Barrier Construction
• UL & CUL Recognized
• Cover Included
•
M6 Screws
• High Current – Rated for 75A
• Accepts # 3 AWG Wire
Electrical:
Current:
75A @ 600V
Wire Range:
3 - 10 AWG
IR:
>10
(500V DC)
Operating temp:
-40
°C - +90°C
Materials:
Housing:
PBT (UL 94V-O)
Terminal:
Brass Ni plated
Screw:
M6 Steel, Ni plated
Positions Available: 2-15
BlockMaster Electronics, Inc.
(800) 595-8881
www.blockmaster.com
Thru-Panel Terminal Blocks
OTB-358 Series
OTB-359 Series
60A 600V
16 mm (.629”)
75A 600V
16 mm (.629”)
Dimensions
n= number of poles
L=(nx16) + 29
Dimensions
n= number of poles
L=(nx16) + 29
Ordering Information
OTB-358
P
Poles
2-15
Ordering Information
12
OTB-359
P
Poles
2-15


Similar Part No. - OTB-358

ManufacturerPart #DatasheetDescription
logo
BlockMaster Electronics...
OTB-358N BLOCKMASTER-ELECTRONICS-OTB-358N Datasheet
927Kb / 1P
Modular Thru-Panel Medium-Power Block
4/09/08
More results

Similar Description - OTB-358

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSB13 ETC1-TSB13 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
SPLICER TERMINAL BLOCKS
logo
Cooper Bussmann, Inc.
14002-2 COOPER-14002-2 Datasheet
55Kb / 1P
Barrier Terminal Blocks
logo
National Instruments Co...
777687-00 NI-777687-00 Datasheet
729Kb / 9P
SCXI Terminal Blocks
logo
Tyco Electronics
1437416-2 MACOM-1437416-2 Datasheet
17Mb / 69P
BUCHANAN Terminal Blocks
logo
Adam Technologies, Inc.
E333935 ADAM-TECH-E333935 Datasheet
38Kb / 2P
Terminal Blocks - Component
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
Terminal Blocks
logo
Schneider Electric
HMIZSDIO SCHNEIDER-HMIZSDIO Datasheet
73Kb / 1P
Terminal blocks for panel SCU
Aug 17, 2019
logo
IDEC Corporation
BNH IDEC-BNH Datasheet
1Mb / 4P
Terminal Blocks
logo
WAGO Kontakttechnik Gmb...
SMD WAGO-SMD Datasheet
1,015Kb / 8P
SMD Terminal Blocks
06/2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com