Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9301 Datasheet(PDF) 4 Page - Swann-Morton Ltd

Part # 9301
Description  Scalpels and Blades
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWANN-MORTON [Swann-Morton Ltd]
Direct Link  https://www.swann-morton.com/
Logo SWANN-MORTON - Swann-Morton Ltd

9301 Datasheet(HTML) 4 Page - Swann-Morton Ltd

  9301 Datasheet HTML 1Page - Swann-Morton Ltd 9301 Datasheet HTML 2Page - Swann-Morton Ltd 9301 Datasheet HTML 3Page - Swann-Morton Ltd 9301 Datasheet HTML 4Page - Swann-Morton Ltd 9301 Datasheet HTML 5Page - Swann-Morton Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
The ACM Boxed Set is a comprehensive set of 13 precision ground carbon steel blades, and 3
handles.
With easy blade changing, the 10 blade shapes offer cutting edge versatility all from one set. Blades
and handles are available on an individual basis. Made in Great Britain.
ACM tool set contains:
Handles: no. 1, no. 2, no. 5
Blades for handle no. 1: ACM7 SM, ACM10 SM, ACM11 SM (3 pcs), ACM16 SM, ACM17 SM
Blades for handle no.2 and no.5: ACM2 SM (2 pcs), ACM18 SM, ACM22 SM, ACM24 SM,
ACM28 SM
ACM Craft Knives
ACM22 SM
ACM24 SM
ACM28 SM
ACM2 SM
ACM7 SM
ACM10 SM
ACM11 SM
ACM16 SM
ACM17 SM
ACM18 SM
ACM Boxed Set
ACMH1 SM
Scalpel Handle 1 with ACM11 SM blade - Made in Great Britain
ACMH5 SM
Scalpel Handle 5 with ACM28 SM blade - Made in Great Britain
Blades
For handle no. 1 - Made in Great Britain
Blades
For handle no. 5 - Made in Great Britain
Retractaway 2339 SM is a sleek graphite-finish metal handle offering the added safety of a hand retractable blade mechanism.
It comes with five 310A SM blades. With easy blade changing it fits and safely retracts also blades 311 SM and 315 SM.
2339 SM
Handle with 5x blades 310A SM - Made in Great Britain
ideal-tek.com
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com