Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS4012D Datasheet(PDF) 3 Page - Positronic.

Part # FS4012D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4012D Datasheet(HTML) 3 Page - Positronic.

  FS4012D Datasheet HTML 1Page - Positronic. FS4012D Datasheet HTML 2Page - Positronic. FS4012D Datasheet HTML 3Page - Positronic. FS4012D Datasheet HTML 4Page - Positronic. FS4012D Datasheet HTML 5Page - Positronic. FS4012D Datasheet HTML 6Page - Positronic. FS4012D Datasheet HTML 7Page - Positronic. FS4012D Datasheet HTML 8Page - Positronic. FS4012D Datasheet HTML 9Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
COMBINATION D-SUBMINIATURE
STANDARD AND HIGH DENSITY
CB series connectors are available in standard density versions,
which have fixed size 20 signal contacts and size 8 power,
shielded, high voltage and air contacts. High density CB series
connectors offer fixed size 22 signal contacts, size 8 contacts
or size 16 power contacts. These connectors are available in
various performance levels for best cost/performance ratio.
Thermocouple contact options are also available.
COMBINATION D-SUBMINIATURE
CRIMP CONTACTS
STANDARD AND HIGH DENSITY
CBC series connectors offer crimp removable contacts for signal,
power, shielded, high voltage and air contacts applications.
These connectors are available in standard and high density
versions. Thermocouple contact options are also available.
COMBINATION CONTACT
DUAL PORT CONNECTORS
CBDP series. Offers seventeen different combinations of power
and signal contact stacked assemblies. Size 20 signal contacts
and size 8 power contacts.
COMBO-D CONNECTOR SAVERS -
ACBDP and ACBMP SERIES
ACBDP and ACBMP series. Combo-D connector savers
with size 20 and size 8 contacts. Available for all standard
Combo-D variants in shell sizes 1 through 6.
CONNECTOR DESCRIPTIONS
i
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com