Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS4012D Datasheet(PDF) 52 Page - Positronic.

Part # MS4012D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

MS4012D Datasheet(HTML) 52 Page - Positronic.

Back Button MS4012D Datasheet HTML 48Page - Positronic. MS4012D Datasheet HTML 49Page - Positronic. MS4012D Datasheet HTML 50Page - Positronic. MS4012D Datasheet HTML 51Page - Positronic. MS4012D Datasheet HTML 52Page - Positronic. MS4012D Datasheet HTML 53Page - Positronic. MS4012D Datasheet HTML 54Page - Positronic. MS4012D Datasheet HTML 55Page - Positronic. MS4012D Datasheet HTML 56Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 86 page
background image
0.069 [1.75]
0.262 [6.65]
0.310
[7.87]
0.135 [3.43]
0.492 [12.50]
A1
A2
0.310
[7.87]
0.162 [4.11]
0.218 [5.54]
A1
0.492 [12.50]
0.035 [0.89]
0.013
[0.33]
3
1
4
2
0.069 [1.75]
0.262 [6.65]
0.310
[7.87]
0.270 [6.86]
0.656 [16.66]
A1
A2
A3
0.310
[7.87]
0.162 [4.11]
0.216 [5.49]
A1
0.656 [16.66]
0.035 [0.89]
0.013
[0.33]
7
1
10
6
0.069 [1.75]
0.262 [6.65]
0.310
[7.87]
1
3
0.108 [2.74]
0.056 [1.42]
0.112 [2.84]
0.310
[7.87]
0.108 [2.74]
0.270 [6.86]
A1
0.656 [16.66]
0.035 [0.89]
0.013
[0.33]
3
1
5
2
0.054 [1.37]
A2
0.056 [1.42]
0.112 [2.84]
0.056 [1.42]
0.112 [2.84]
0.034 [0.86]
0.570 [14.48]
0.926 [23.52]
0.268 [6.81]
2
4
5
0.056 [1.42]
0.112 [2.84]
0.310
[7.87]
0.306 [7.77]
0.570 [14.48]
A1
0.926 [23.52]
0.035 [0.89]
0.013
[0.33]
3
1
5
2
0.162 [4.11]
A4
A3
A2
0.108 [2.74]
0.056 [1.42]
0.112 [2.84]
0.310
[7.87]
0.306 [7.77]
0.570 [14.48]
A3
0.926 [23.52]
0.035 [0.89]
0.013
[0.33]
6
1
0.054 [1.37]
A1
A2
0.108 [2.74]
10
5
0.056 [1.42]
0.112 [2.84]
0.310
[7.87]
0.109 [2.77]
0.544 [13.82]
A1
0.926 [23.52]
0.035 [0.89]
0.013
[0.33]
0.055 [1.40]
A2
15
7
8
1
0.056 [1.42]
0.112 [2.84]
0.310
[7.87]
0.163 [4.14]
0.218 [5.54]
A1
0.926 [23.52]
0.035 [0.89]
0.013
[0.33]
0.109 [2.77]
11
1
20
10
RIGHT ANGLE (90°) PRINTED BOARD CONTACT HOLE PATTERN
HOLE IDENTIFICATION SHOWN IS FOR FEMALE CONNECTOR OVER MALE CONNECTOR.
MOUNT CONNECTOR WITH MATING FACE POSITIONED TO FOLLOW DIRECTION OF ARROW.
5W1/5W1
5W5/5W5
9W4/9W4
11W1/11W1
13W3/13W3
21W1/21W1
17W2/17W2
3W3/3W3
3WK3/3WK3
7W2/7W2
SUGGESTED PRINTED BOARD HOLE SIZES:
Suggest 0.045 [1.14] Ø hole for signal contact termination positions.
Suggest 0.098 [2.49] Ø hole for 0.078 [1.98] Ø power contact termination positions.
Suggest 0.123 ±0.003 [3.12] Ø hole for mounting connector with push-on fasteners.
Mounting holes must move 0.020 [0.51] ±0.010 opposite direction
of arrow for use of unriveted mounting bracket with connectors.
2WK2/2WK2
46
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
VERTICALLY STACKED STANDARD DENSITY PCB MOUNT
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com