Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CVR37M Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CVR37M
Description  DATA CABLING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CVR37M Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CVR37M Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WIDTH
HEIGHT
DEPTH
NOTE
1. MATERIAL: PVC, BLACK
2. PACKAGE TEN (10) PIECES PER BAG
RoHS Compliant 
P/N
HEIGHT
WIDTH
DEPTH
INCH
MM INCH
MM
INCH
MM
CVR9F
.41
10.4
.73
18.6
.30
7.6
CVR9M
.45
11.5
.80
20.3
.30
7.6
CVR15F
.41
10.4
1.05
26.7
.30
7.6
CVR15M
.46
11.7
1.11
28.1
.30
7.6
CVR25F
.39
10.0
1.58
40.2
.30
7.6
CVR25M
.44
11.2
1.65
42.0
.30
7.6
CVR37F
.38
9.7
2.24
56.9
.30
7.6
CVR37M
.44
11.2
2.30
58.4
.30
7.6
CVR50F
.50
12.7
2.13
54.1
.30
7.6
CVR50M
.55
14.0
2.21
56.1
.30
7.6
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CVR9F
E
CVR9F.SLDDRW
1
1
C. McCORMICK
7/1/2005
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
R. CARRICK
7/1/2005
9/2/09
E
ECN 4234: REVISED HEIGHT AND WIDTH DIMENSIONS
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
D SUBMINIATURE DUST COVER
DATA CABLING
PROJECTION
UNLESS OTHERWISE SPECIFIED,
J. KIEZULAS
COLOR VARIATIONS
MAY OCCUR
7/1/2005
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - CVR37M

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CVR375-96D56 ARTESYN-CVR375-96D56 Datasheet
35Kb / 1P
AC/DC power supply for disk storage systems 365 Watt, dual output : 12, 5VDC
More results

Similar Description - CVR37M

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX20702 CONEXANT-CX20702 Datasheet
633Kb / 1P
Simplified cabling for ease of use
logo
Winchester Electronics ...
1203-4-9 WINCHESTER-1203-4-9 Datasheet
139Kb / 1P
FOR CABLING INSTRUCTIONS SEE CP-5402
KA-59-375M07 WINCHESTER-KA-59-375M07 Datasheet
57Kb / 1P
FOR CABLING INSTRUCTIONS SEE CP-465
logo
PHOENIX CONTACT
1403685 PHOENIX-1403685 Datasheet
61Kb / 5P
Multi-port data coupling: for passive PROFINET cabling to robots, including mounting foot
1424662 PHOENIX-1424662 Datasheet
90Kb / 4P
Flexible signal and data cabling
2941154 PHOENIX-2941154 Datasheet
114Kb / 3P
INTERFACE Relay -INTERFACE Cabling
2942153 PHOENIX-2942153 Datasheet
114Kb / 3P
INTERFACE Relay -INTERFACE Cabling
2964131 PHOENIX-2964131 Datasheet
114Kb / 3P
INTERFACE Relay - INTERFACE Cabling
5606332 PHOENIX-5606332 Datasheet
114Kb / 3P
INTERFACE Relay - INTERFACE Cabling
2521 PHOENIX-2521 Datasheet
210Kb / 3P
VARIOFACE Professional for system cabling applications
2014-08-08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com