Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPTIME1 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # OPTIME1
Description  Headband
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OPTIME1 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button OPTIME1 Datasheet HTML 4Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 5Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 6Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 7Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 8Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 9Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 10Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 11Page - List of Unclassifed Manufacturers OPTIME1 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Headband H540A
Broad, soft head cushion
for best comfort even
when worn for long inter-
vals.
HY54 safety kit
Optime III is a super-muff, and has been developed for use in extremely noisy environments. The protection is based
on new technology with a double casing that minimises resonance in the holder casing. This results in maximum
high-frequency muffling, while at the same time it’s still easy to understand speech and signals. An acoustic con-
nection between the inner volume and the volume between the casings in its turn provides maximum low-frequen-
cy muffling. The sealing rings are broad and filled with soft plastic foam for the best fit and low contact pressure.
Effective protection and best comfort are the hallmarks of Optime III.
Helmet attachment H540P3
Helmet combination with slot attachment.
The protector can be set in the working,
airing or park position.
SNR
40 dB
H
32 dB
M
23 dB 35 dB
L
285 g
17.4
24.7
34.7
41.4
39.3
47.5
42.6
2.1
2.6
2.0
2.1
1.5
4.5
2.6
15.3
22.1
32.7
39.3
37.8
43.0
40.0
Frequency 2
Mean att. 3
**
Stand. dev. 4
H540A
APV
Model
125
250
500
1000 2000 4000 8000
SNR
40 dB
H
32 dB
M
23 dB 35 dB
L
270 g
17.5
24.5
34.5
41.4
39.5
47.3
42.0
2.3
2.7
2.0
2.2
2.0
4.4
2.8
15.2
21.8
32.5
39.2
37.5
42.9
39.2
Frequency 2
Mean att. 3
**
Stand. dev. 4
H540B
APV
Model
125
250
500
1000 2000 4000 8000
SNR
40 dB
H
32 dB
M
22 dB 34 dB
L
310 g
17.1
24.5
34.8
40.2
39.6
46.7
43.1
2.3
2.8
2.2
2.0
1.8
4.2
2.5
14.8
21.7
32.6
38.2
37.8
42.5
40.6
Frequency 2
Mean att. 3
**
Stand. dev. 4
H540P3*
APV
Model
125
250
500
1000 2000 4000 8000
Neckband H540B
Optimum shape with no protruding parts.
Thin, adjustable headband for comfortable use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com