| Electronic Components Datasheet Search |
|
MCC4101D Datasheet(PDF) 60 Page - Positronic. |
|
|
|||||||||||||||||||||||||||||
MCC4101D Datasheet(HTML) 60 Page - Positronic. |
|
60 / 86 page ![]() SIZE 8 CONTACT STABILIZATION FEATURE MINIMIZES FLOAT IN SIZE 8 CONTACT POSITIONS The stabilization feature is currently available for the following male contact variants: CBD size 8 male contacts are removed toward the rear after utilizing front release tooling. Space must be provided between the contact and the connector molding so the tooling can slide over the mating portion of the contact. This fact allows the contact to float. In some applications this float creates problems in alignment during mating. Many male contact CBD variants offer an integral stabilizing feature to minimize problems created by float in size 8 contacts. An alternate tool is used to remove the contact if necessary. Tool number is 4311-0-1-0. CONTACT INSULATOR STABILIZER CONTACT INSULATOR A1 A2 A3 CBD/CBM3W3M A1 A2 A3 A5 A4 A6 A7 A8 CBD/CBM8W8M 9 17 16 19 18 21 20 23 22 A1 A2 A3 1 31 27 25 24 26 29 28 30 3 2 5 4 7 6 15 8 32 A4 CBC36W4M CBC43W2M Add MOS -1570.4 to end of part number. Example: CBD3W3M00000-1570.4 WITH STABILIZER WITHOUT STABILIZER 7 31 27 25 26 29 28 30 3 13 1 2 5 4 6 35 33 32 34 37 36 38 11 8 10 9 12 40 39 41 A1 A2 62 DIMENSIONS ARE IN INCHES [MILLIMETERS]. ALL DIMENSIONS ARE SUBJECT TO CHANGE. UNIQUE FEATURES Combo-D D-Sub Positronic connectpositronic.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |