Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G201X Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # G201X
Description  G201X STEP MOTOR DRIVE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G201X Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  G201X Datasheet HTML 1Page - List of Unclassifed Manufacturers G201X Datasheet HTML 2Page - List of Unclassifed Manufacturers G201X Datasheet HTML 3Page - List of Unclassifed Manufacturers G201X Datasheet HTML 4Page - List of Unclassifed Manufacturers G201X Datasheet HTML 5Page - List of Unclassifed Manufacturers G201X Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
G201X STEP MOTOR DRIVE
REV 5: SEPTEMBER 13, 2010
DISABLE PIN
TERMINAL 7
Disable
This terminal will force the winding currents to zero when shorted to ground (TERMINAL 12).
Shorting this input to ground (term. 7 to 12) forces winding currents to zero and stops all output switching activity. The G201X will
continue totalizing step and direction inputs if any are sent. The power supply current drops to less than 15mA. The motor will
return to its original position when the disable input is released if no step pulses have been sent and the motor has not been
moved more than 2 full steps.
STEP AND DIRECTION INPUTS
TERMINAL 8
Direction
Connect the DIRECTION line to this terminal.
TERMINAL 9
Step
Connect the STEP line to this terminal.
TERMINAL 10
Common
Connect the controller’s +3.3VDC, +5VDC or GND to this terminal.
These inputs are optically isolated from the rest of the drive. Terminal 10 is the common connection for the opto-isolators and
must be connected to the +3.3VDC, +5VDC or GND of your indexer or pulse generator.
These inputs are meant to be driven by 3.3V to 5.5V logic capable of sourcing or sinking 2.5mA
of current. The minimum logic “0”
time is .5uS while
the minimum logic “1” time is 3uS. Microstepping occurs on the falling edge of the step input when COMMON is
a positive voltage and on the rising edge when COMMON is connected to GND.
CURRENT SET RESISTOR (OPTIONAL)
TERMINAL 11
Current Set (OPTIONAL)
Connect the current set resistor to this terminal.
TERMINAL 12
Current Set (OPTIONAL)
Connect the other end of the current set resistor to this terminal.
DIP Switches 1, 2, 3, 4, and 5 must be set to ON if an external current set resistor is used.
This input programs the G201X
’s current output to the motor windings. The G201X will accommodate motor winding currents
from 0A to 7A when using an external current set resistor. Use the following equation to calculate the value, (in kilo-ohms) of the
current set resistor:
R (in kilo-ohms) = 47 * I / (7
– I)
Shown are the current set resistor values for motor current in .5A increments.
1.0A
–
7.5K 5% 1/4W
1.5A
–
13K 5% 1/4W
2.0A
–
18K 5% 1/4W
2.5A
–
27K 5% 1/4W
3.0A
–
36K 5% 1/4W
3.5A
–
47K 5% 1/4W
4.0A
–
62K 5% 1/4W
4.5A
–
82K 5% 1/4W
5.0A
–
120K 5% 1/4W
5.5A
–
180K 5% 1/4W
6.0A
–
270K 5% 1/4W
6.5A
–
620K 5% 1/4W
7.0A
–
OPEN 5% 1/4W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com