Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IBR3Z1AD Datasheet(PDF) 1 Page - APEM

Part # IBR3Z1AD
Description  Sealed momentary pushbutton switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

IBR3Z1AD Datasheet(HTML) 1 Page - APEM

  IBR3Z1AD Datasheet HTML 1Page - APEM IBR3Z1AD Datasheet HTML 2Page - APEM IBR3Z1AD Datasheet HTML 3Page - APEM IBR3Z1AD Datasheet HTML 4Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B-22
APEM
www.apem.com
IB and IS series
Sealed momentary pushbutton switches
Distinctive features and specifications
B
❑ Snap-in and threaded bushing models
❑ Compact, light in weight
• Behind-panel depth of 13 mm (.512) only
• 50 % reduction in weight compared to metallic models
❑ Tactile feedback
❑ Sealed to IP 67
ENVIRONMENTAL SPECIFICATIONS
• Degree of protection : IP 67
• Shock resistance : 100 g according to IEC 512-4, test 6c
• Vibration resistance : 10-500 Hz - 10 g according to IEC 512-4, test 6d
• Salt spray : IEC 512-6, test 11f
• Operating temperature : -40°C to +85°C
ELECTRICAL AND GENERAL SPECIFICATIONS
• Max. current/voltage rating with resistive load :
400mA 32VAC - 100mA 50VDC - 125mA 125VAC
• Initial contact resistance : 50 mΩ max.
• Insulation resistance : 1 GΩ min. at 500VDC
• Dielectric strength : 1.000 VAC rms
• Electrical life at full load : 500.000 cycles
• Panel thickness :
- IB series : 0,8 mm (.031) min. - 1,8 mm ( .071) max.
- IS series : 1,5 mm (.059) min. - 4 mm (.157) max.
• Total travel : 1,5 mm (.059)
• Operating force : 2N to 5N
• Contact bounce : 10 ms
• Mechanical life : 1.000.000 cycles
• Torque : 1,5 Nm max. applied to nut
• Soldering : 300°C max. for 3 seconds
MATERIALS
• Case : thermoplastic UL94-V0
• Plunger : polyamide 6/6
• Bushing/bezel : polyamide 6/6
• Contacts : silver, gold plated
• Terminal seal : epoxy


Similar Part No. - IBR3Z1AD

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
IBR-I3-3217UE SEALEVEL-IBR-I3-3217UE Datasheet
367Kb / 2P
COM Express Module, Type 6, 1.6GHz Intel Core i3
logo
List of Unclassifed Man...
IBR-i3-R-3217UE ETC1-IBR-i3-R-3217UE Datasheet
664Kb / 3P
Extreme Rugged??COM Express짰 Type 6 Module with 3rd Generation Intel짰 Core??i3/i7 Processor
logo
Sealevel Systems, Inc.
IBR-I7-3517UE SEALEVEL-IBR-I7-3517UE Datasheet
340Kb / 2P
COM Express Module, Type 6, 1.7GHz Intel Core i7
logo
List of Unclassifed Man...
IBR-I7-R-3517UE ETC1-IBR-I7-R-3517UE Datasheet
664Kb / 3P
Extreme Rugged??COM Express짰 Type 6 Module with 3rd Generation Intel짰 Core??i3/i7 Processor
IBR-i7-R-3555LE ETC1-IBR-i7-R-3555LE Datasheet
664Kb / 3P
Extreme Rugged??COM Express짰 Type 6 Module with 3rd Generation Intel짰 Core??i3/i7 Processor
More results

Similar Description - IBR3Z1AD

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
Sealed Momentary Pushbutton Switches
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
Sealed Snap-acting Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
Sealed Momentary Pushbutton Switches
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
Sealed Snap-acting Momentary Pushbutton Switches
logo
List of Unclassifed Man...
1212MA ETC-1212MA Datasheet
286Kb / 7P
Momentary pushbutton switches - round plunger
ISR3SAD300 ETC2-ISR3SAD300 Datasheet
331Kb / 4P
Sealed pushbutton switches - bushing 12 mm - momentary
ISR3SAD200 ETC2-ISR3SAD200 Datasheet
343Kb / 5P
Sealed pushbutton switches - bushing 12 mm - momentary
logo
C&K Components
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
Sealed Momentary Pushbutton Switches
17 Mar 22
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com