Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3082MPBF Datasheet(PDF) 13 Page - International Rectifier

Part # IR3082MPBF
Description  XPHASETM AMD OPTERONTM/ATHLON 64TM CONTROL IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3082MPBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3082MPBF Datasheet HTML 9Page - International Rectifier IR3082MPBF Datasheet HTML 10Page - International Rectifier IR3082MPBF Datasheet HTML 11Page - International Rectifier IR3082MPBF Datasheet HTML 12Page - International Rectifier IR3082MPBF Datasheet HTML 13Page - International Rectifier IR3082MPBF Datasheet HTML 14Page - International Rectifier IR3082MPBF Datasheet HTML 15Page - International Rectifier IR3082MPBF Datasheet HTML 16Page - International Rectifier IR3082MPBF Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
IR3082P
bF
Page 13 of 33
01/31/05
The voltage at the VDRP pin is a buffered version of the share bus and represents the sum of the DAC voltage and
the average inductor current of all the phases. The VDRP pin is connected to the FB pin through the resistor RVDRP.
Since the Error Amp will force the loop to maintain FB to be equal to the VDAC reference voltage, current will flow
into the FB pin equal to (VDRP-VDAC) / RVDRP. When the load current increases, the adaptive positioning voltage
increases accordingly. More current flows through the feedback resistor RFB, and makes the output voltage lower
proportional to the load current. The positioning voltage can be programmed by the resistor RVDRP so that the droop
impedance produces the desired converter output impedance. The offset and slope of the converter output
impedance are referenced to and therefore independent of the VDAC voltage.
VDAC
Rv drp
Rf b
ISHARE
VDAC
If b
CS+
CS-
EA
Vo
VDRP
IIN
Phase IC
VDAC
ISHARE
CS+
Phase IC
CS-
Current Sense
Amplifier
10k
VDAC
FB
Error
Amplifier
Current Sense
Amplifier
+
-
Control IC
Droop
Amplifier
10k
Figure 8 - Adaptive voltage positioning
Inductor DCR Temperature Correction
If the thermal compensation of the inductor DCR provided by the temperature dependent gain of the current sense
amplifier is not adequate, a negative temperature coefficient (NTC) thermistor can be used for additional correction.
The thermistor should be placed close to the inductor and connected in parallel with the feedback resistor as shown
in Figure 9. The resistor in series with the thermistor is used to reduce the nonlinearity of the thermistor.
Figure 9 - Temperature compensation of inductor DCR
VDAC
Rv drp
Rf b
If b
EA
VDRP
Vo
IIN
Error
Amplifier
+
-
Control IC
Droop
Amplifier
Rf b
Rt
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com