Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU3910PBF.. Datasheet(PDF) 10 Page - International Rectifier

Part # IRFU3910PBF..
Description  HEXFET® Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU3910PBF.. Datasheet(HTML) 10 Page - International Rectifier

Back Button IRFU3910PBF.. Datasheet HTML 3Page - International Rectifier IRFU3910PBF.. Datasheet HTML 4Page - International Rectifier IRFU3910PBF.. Datasheet HTML 5Page - International Rectifier IRFU3910PBF.. Datasheet HTML 6Page - International Rectifier IRFU3910PBF.. Datasheet HTML 7Page - International Rectifier IRFU3910PBF.. Datasheet HTML 8Page - International Rectifier IRFU3910PBF.. Datasheet HTML 9Page - International Rectifier IRFU3910PBF.. Datasheet HTML 10Page - International Rectifier IRFU3910PBF.. Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRFR/U3910
10
www.irf.com
Tape & Reel Information
TO-252AA
TR
1 6.3 ( .641 )
1 5.7 ( .619 )
8 .1 ( .3 18 )
7 .9 ( .3 12 )
12 .1 ( .4 76 )
11 .9 ( .4 69 )
F E E D DIRE CT IO N
F E E D DIRE CT IO N
16.3 ( .641 )
15.7 ( .619 )
TR R
TR L
N O T ES :
1. CO NT RO LL IN G DIM E N S IO N : M ILLIM E T E R.
2. ALL D IM E N S IO N S AR E SH O W N IN M ILL IM ET E R S ( IN C H ES ).
3. O U T L IN E C O N F O R M S T O E IA -4 81 & E IA -54 1.
NO T E S :
1. O U T LIN E C O N F O R M S T O E IA -481 .
16 m m
13 IN C H
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T 3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: 171 (K&H Bldg.) 30-4 Nishi-ikebukuro 3-chome, Toshima-ku, Tokyo Japan Tel: 81 33 983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 16907 Tel: 65 221 8371
Data and specifications subject to change without notice.
5/98



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com