Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN111 Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # RN111
Description  RN SERIES RIGHT ANGLE "HI-D" JAX, RoHS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

RN111 Datasheet(HTML) 1 Page - Switchcraft, Inc.

  RN111 Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
T
S
SCHEMATIC
SCHEMATIC
T
S
TS
SCHEMATIC
R
T
S
SCHEMATIC
T
TS
S
R
SCHEMATIC
S
TS
T
RS
R
SCHEMATIC
S
T
RS
R
0.625 MAX
15.88
TIP SPRING
SHUNT SPRING
SHUNT SPRING
RING SPRING
HEX NUT
SEE NOTE 1
WASHER
SEE NOTE 1
COVER REMOVED
IN THIS VIEW
CL
0.28
7.1
0.380
9.65
0.13
3.2
0.69 MAX
17.5
0.16
4.0
0.016 TYP
TIP, RING AND SHUNT
TERMINALS
0.40
0.25
6.4
0.050 [1.27] x 0.012 [0.30]
SLEEVE TERMINAL
0.025
0.64
A
A
CL
0.98
25.0
1.275 MAX
32.39
0.277
7.02
REF
3/8-32 UNEF-2A
THREAD
0.724
18.38
0.050 [1.27] TYP
TIP, RING AND SHUNT
TERMINALS
0.324
8.22
0.11
2.7
0.11
2.7
SECTION A-A
COVER
JAX CASE
SLEEVE SPRING
RN114BPC SHOWN
0.500
12.70
0.100
2.54
0.500
12.70
0.500
12.70
0.300
7.62
0.095±0.001
2.41±0.03
(3) POST HOLES
0.300
7.62
RING
HOLE TO CLEAR
0.016 [0.40] x 0.050 [1.27]
TERMINAL
TIP
HOLE TO CLEAR
0.016 [0.40] x 0.050 [1.27]
TERMINAL
CL
SLEEVE
HOLE TO CLEAR
0.012 [0.30] x 0.050 [1.27]
TERMINAL
PCB LAYOUT
COMPONENT SIDE
SCALE 2:1
TIP SHUNT
HOLE TO CLEAR
0.016 [0.40] x 0.050 [1.27]
TERMINAL
RING SHUNT
HOLE TO CLEAR
0.016 [0.40] x 0.050 [1.27]
TERMINAL
NOTES:
1. HARDWARE SHIPPED UNASSEMBLED.
2. MATERIALS:
JAX CASE AND COVER - THERMOPLASTIC, BLACK
SPRINGS/TERMINALS - SPECIAL COPPER ALLOY, TIN PLATED
WASHER - CRS, NICKEL PLATED
HEX NUT - COPPER ALLOY, NICKEL PLATED
3. THESE PRODUCTS ARE RoHS COMPLIANT.
RN111PC
RN112APC
RN112BPC
RN113BPC
RN113FPC
RN114BPC
TYPICAL MATING PLUG: 250
TYPICAL MATING PLUG: 250
TYPICAL MATING PLUG: 267
TYPICAL MATING PLUG: 267
TYPICAL MATING PLUG: 267
TYPICAL MATING PLUG: 267
DO NOT SCALE DRAWING
REVISIONS
APVD
BY
DATE
ECO NUMBER
REV
REV
PART No.
NAME
OF
SHEET
APVD
CHKD
BY
DATE DRAWN
SCALE
FIRST USED ON
SPEC No.
SPEC No.
MATERIAL
FINISH
UNLESS OTHERWISE SPECIFIED
TEMPER
LBS/M
MULT
WIDTH
SIZE
THIS DRAWING DESCRIBES A DESIGN CONSIDERED PROPRIETARY IN NATURE, DEVELOPED AND MANUFACTURED
BY SWITCHCRAFT INC. AND IS RELEASED ON A CONFIDENTIAL BASIS FOR IDENTIFICATION PURPOSES ONLY.
1
2
3
4
5
6
7
8
A
B
C
D
E
F
4
5
6
7
8
A
B
C
D
E
F
C
E
REDRAWN
27712
05-31-16 PC
TJK
4:1
01-06-09 JEB
JEB
TJK
01-06-09 01-28-09
1
1
RN SERIES
RIGHT ANGLE "HI-D" JAX, RoHS
RN111-RN114 SERIES
E
1. ALL DIMENSIONS IN INCHES [mm]
- TWO PLACE DECIMALS
0.02 [0.5]
- THREE PLACE DECIMALS
0.005 [0.13]
SolidWorks CAD File
CUSTOMER DRAWING


Similar Part No. - RN111

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1110 TOSHIBA-RN1110 Datasheet
259Kb / 5P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1110CT TOSHIBA-RN1110CT Datasheet
160Kb / 6P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1110F TOSHIBA-RN1110F Datasheet
159Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1110MFV TOSHIBA-RN1110MFV Datasheet
361Kb / 6P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)(Bias Resistor built-in Transistor)
2018-12-21
RN1110 TOSHIBA-RN1110_07 Datasheet
259Kb / 5P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results

Similar Description - RN111

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
3503X SWITCH-3503X Datasheet
260Kb / 1P
PHONO EXTENSION JAX, RoHS
722A SWITCH-722A Datasheet
77Kb / 1P
POWER JAX
712A SWITCH-712A Datasheet
71Kb / 1P
POWER JAX
L712A SWITCH-L712A Datasheet
67Kb / 1P
POWER JAX
PC712A SWITCH-PC712A Datasheet
89Kb / 1P
POWER JAX
PCL722A SWITCH-PCL722A Datasheet
74Kb / 1P
POWER JAX
PC722A SWITCH-PC722A Datasheet
74Kb / 1P
POWER JAX
logo
Sharma Electro Componen...
RN SHARMA-RN Datasheet
342Kb / 2P
RN Series
logo
Switchcraft, Inc.
515X SWITCH-515X Datasheet
159Kb / 1P
JAX COVER, RoHS
9-19-06
RAHPCRJ45AUE SWITCH-RAHPCRJ45AUE Datasheet
168Kb / 1P
RIGHT ANGLE SHIELDED RJ45, RoHS
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com