Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP151 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP151
Description  Ultralow Noise, 200 mA, CMOS Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 1 Page - Analog Devices

  ADP151 Datasheet HTML 1Page - Analog Devices ADP151 Datasheet HTML 2Page - Analog Devices ADP151 Datasheet HTML 3Page - Analog Devices ADP151 Datasheet HTML 4Page - Analog Devices ADP151 Datasheet HTML 5Page - Analog Devices ADP151 Datasheet HTML 6Page - Analog Devices ADP151 Datasheet HTML 7Page - Analog Devices ADP151 Datasheet HTML 8Page - Analog Devices ADP151 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Data Sheet
ADP151
Ultralow Noise, 200 mA, CMOS Linear Regulator
Rev. J
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Ultralow noise: 9 µV rms
►
No noise bypass capacitor required
►
Stable with 1 µF ceramic input and output capacitors
►
Maximum output current: 200 mA
►
Input voltage range: 2.2 V to 5.5 V
►
Low quiescent current
►
IGND = 10 µA with IOUT = 0 µA
►
IGND = 265 μA with IOUT = 200 mA
►
Low shutdown current: <1 µA
►
Low dropout voltage: 135 mV at IOUT = 200 mA
►
Initial accuracy: ±1%
►
Accuracy over line, load, and temperature: ±2.5%
►
16 fixed output voltage options: 1.1 V to 3.3 V
►
PSRR performance of 70 dB at 10 kHz
►
Current-limit and thermal overload protection
►
Logic controlled enable
►
Internal pull-down resistor on EN input
►
5-lead TSOT package
►
6-lead LFCSP package
►
4-ball, 0.4 mm pitch WLCSP
►
AEC-Q100 qualified for automotive applications
APPLICATIONS
►
RF, voltage controlled oscillator (VCO), and phase locked loop
(PLL) power supplies
►
Mobile phones
►
Digital camera and audio devices
►
Portable and battery-powered equipment
►
Post dc-to-dc regulation
►
Portable medical devices
►
Automotive
TYPICAL APPLICATION CIRCUITS
Figure 1. TSOT ADP151 with Fixed Output Voltage, 1.8 V
Figure 2. WLCSP ADP151 with Fixed Output Voltage, 1.8 V
Figure 3. LFCSP ADP151 with Fixed Output Voltage, 1.8 V
GENERAL DESCRIPTION
The ADP151 is an ultralow noise, low dropout (LDO) linear regula-
tor that operates from 2.2 V to 5.5 V and provides up to 200 mA
of output current. The low 135 mV dropout voltage at 200 mA load
improves efficiency and allows operation over a wide input voltage
range.
Using an innovative circuit topology, the ADP151 achieves ultralow
noise performance without the necessity of a bypass capacitor,
making the device ideal for noise sensitive analog and RF appli-
cations. The ADP151 also achieves ultralow noise performance
without compromising the power supply rejection ratio (PSRR) or
transient line and load performance. The low 265 μA of operating
supply current at 200 mA load makes the ADP151 suitable for
battery-operated portable equipment.
The ADP151 includes an internal pull-down resistor on the EN
input.
The ADP151 is specifically designed for stable operation with
tiny 1 µF, ±30% ceramic input and output capacitors to meet the
requirements of high performance, space constrained applications.
The ADP151 is capable of 16 fixed output voltage options, ranging
from 1.1 V to 3.3 V.
Short-circuit and thermal overload protection circuits prevent dam-
age in adverse conditions. The ADP151 is available in tiny 5-lead
TSOT, 6-lead LFCSP, and 4-ball, 0.4 mm pitch, halide-free WLCSP
packages for the smallest footprint solution to meet a variety of
portable power application requirements.


Similar Part No. - ADP151

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP151 AD-ADP151 Datasheet
540Kb / 24P
Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0
ADP151 AD-ADP151 Datasheet
574Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D
ADP151 AD-ADP151 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
ADP151ACBZ-1.1-R7 AD-ADP151ACBZ-1.1-R7 Datasheet
561Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
Rev. E
ADP151ACBZ-1.2-R7 AD-ADP151ACBZ-1.2-R7 Datasheet
540Kb / 24P
Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0
More results

Similar Description - ADP151

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP150 AD-ADP150 Datasheet
620Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP151 AD-ADP151 Datasheet
540Kb / 24P
Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0
ADP150_VA AD-ADP150_VA Datasheet
580Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP151_VD AD-ADP151_VD Datasheet
574Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
Ultralow Noise, 200 mA Linear Regulator
REV. 0
ADP150 AD-ADP150_13 Datasheet
603Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
ADP151CB-3.3-EVALZ AD-ADP151CB-3.3-EVALZ Datasheet
561Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
Rev. E
logo
Texas Instruments
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
Ultralow-Noise, 250-mA Linear Regulator
logo
Analog Devices
ADP7118 AD-ADP7118 Datasheet
915Kb / 24P
20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
9/2020-Rev. E to Rev. F
ADP7142 AD-ADP7142 Datasheet
1Mb / 23P
40 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com