Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1763WACPZ-1.0-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1763WACPZ-1.0-R7
Description  3 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763WACPZ-1.0-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1763WACPZ-1.0-R7 Datasheet HTML 1Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 2Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 3Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 4Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet
ADP1763
SPECIFICATIONS
analog.com
Rev. E | 5 of 22
INPUT AND OUTPUT CAPACITOR: RECOMMENDED SPECIFICATIONS
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CAPACITANCE1
TA = −40°C to +125°C
Input
CIN
7.0
10
µF
Output
COUT
7.0
10
µF
Regulator
CREG
0.7
1
µF
Reference
CREF
0.7
1
µF
CAPACITOR EQUIVALENT SERIES RESISTANCE (ESR)
RESR
TA = −40°C to +125°C
CIN, COUT
0.001
0.5
Ω
CREG, CREF
0.001
0.2
Ω
1 The minimum input and output capacitance must be >7.0 µF over the full range of the operating conditions. Consider the full range of the operating conditions in the
application during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are recommended. Y5V and Z5U capacitors
are not recommended for use with any LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com