Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2062ST Datasheet(PDF) 1 Page - Stontronics Ltd.

Part # S2062ST
Description  AC-DC Regulated Adaptors (Plugtop & Desktop Configurations)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STONTRONICS [Stontronics Ltd.]
Direct Link  
Logo STONTRONICS - Stontronics Ltd.

S2062ST Datasheet(HTML) 1 Page - Stontronics Ltd.

  S2062ST Datasheet HTML 1Page - Stontronics Ltd. S2062ST Datasheet HTML 2Page - Stontronics Ltd. S2062ST Datasheet HTML 3Page - Stontronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Selection Chart with electrical specifications
UK Plug Range
Part
Number
Voltage
(On load)
Voltage
(Off Load)
Current
Insulation
(@500VDC)
Hi-Pot Test
(IP-OP)
Magnetising
Current
Thermal
Fuse
O/P
Connector
Case
Size.
Weight
(Kg)
S2088ST
5Vdc
5.1Vdc
300mA
100Mohm. 4200Vac
50mA
130oC
6-pack
EI-41
0.36
T2593ST
5Vdc
5.1Vdc
300mA
100Mohm. 4200Vac
50mA
130oC
2.1 C+ve
EI-41
0.35
T2526ST
5Vdc
5.1Vdc
1000mA
100Mohm. 3750Vac
60mA
130oC
2.1 C+ve
EI-48
0.53
S2226ST
5Vdc
5.1Vdc
1000mA
100Mohm. 3750Vac
60mA
130oC
6-pack
EI-48
0.55
S2249ST
6Vdc
6Vdc
800mA
100Mohm 3750Vac
40mA
130oC
6-pack
EI-48
0.54
S2062ST
9Vdc
9Vdc
500mA
100Mohm 3750Vac
60mA
130oC
6-pack
EI-48
0.54
S2092ST
12Vdc
12.2Vdc
300mA
100Mohm 3750Vac
50mA
130oC
6-pack
EI-41
0.37
S2171MN 12Vdc
12.2Vdc
300mA
100Mohm 3750Vac
60mA
125oC
2.1 C+ve
92x56x75mm
0.36
S2147ST
12Vdc
12Vdc
500mA
100Mohm 4200Vac
55mA
130oC
6-pack
EI-48
0.54
T3665ST
12Vdc
12Vdc
500mA
100Mohm 3750Vac
60mA
125oC
R/A 2.1 C+ve
92x56x84mm
0.37
S2140ST
15Vdc
14.9Vdc
500mA
100Mohm 3750Vac
50mA
130oC
6-pack
EI-48
0.55
T2348ST
18Vdc
18Vdc
500mA
100Mohm 3750Vac
50mA
130oC
6-pack
EI-48
0.55
T3488ST
24Vdc
24Vdc
400mA
100Mohm 4200Vac
50mA
130oC
2.1 C+ve
EI-48
0.52
Euro Plug Range
Part
Number
Voltage
(On load)
Voltage
(Off Load)
Current
Insulation
(@500VDC)
Hi-Pot Test
Magnetising
Current
Thermal
Fuse
O/P
Connector
Case
Size.
Unit
Weight
T3489ST
5Vdc
5Vdc
300mA
100Mohm 4200Vac
45mA
130oC
2.1 C+ve
EI-41
0.32
T3182ST
5Vdc
5.1Vdc
1000mA
100Mohm 3750Vac
60mA
130oC
2.1 C+ve
EI-48
0.51
T3183ST
12Vdc
12Vdc
300mA
100Mohm 4200Vac
45mA
130oC
2.1 C+ve
EI-41
0.32
T3184ST
24Vdc
24.3Vdc
400mA
100Mohm 3750Vac
50mA
130oC
2.1 C+ve
EI-48
0.50
Desktop (with flying-leads) Range
Part
Number
Voltage
(On load)
Voltage
(Off Load)
Current
Insulation
(@500VDC)
Hi-Pot Test
Magnetising
Current
Thermal
Fuse
O/P
Connector
Case
Size.
Unit
Weight
S2136ST
12Vdc
12.13Vdc
500mA
100Mohm 3750Vac
50mA
130oC
6-pack
EI-48 (105) 0.64
S2266ST
12Vdc
12Vdc
1000mA
100Mohm 4200Vac
45mA
130oC
6-pack
EI-66 (130) 1.26
Stontronics Ltd
Data Sheet
AC-DC Regulated Adaptors (Plugtop & Desktop Configurations)
Stontronics Ltd
Chancerygate Business Centre, Cradock Road, Reading, Berkshire, RG2 0AH.
Tel: +44 (0) 118 931 1199 • Fax: +44 (0) 118 931 1145 • Email: info@stontronics.co.uk • Web: www.stontronics.co.uk
Please Note: Image shown is representative of entire range. Individual PSU image &/or drawings or data sheets available on request.
Stontronics Ltd accepts no responsibility for typographical errors in the production of this leaflet. Product specifications are subject to change without notice.
Features
• 230Vac Mains Input Voltage only
• Mains Vac to low voltage DC converter/adaptor
• Attractive black plastic case
• Regulated DC output voltage
• UK, Euro and Desktop configurations from stock
• 1.8Meter O/P lead (majority of units)
• 2.1mm C+ve or multipack O/P plugs
• 1 Year Warranty


Similar Part No. - S2062ST

ManufacturerPart #DatasheetDescription
logo
LEDTRONICS, INC
S206 LEDTRONICS-S206 Datasheet
4Mb / 28P
Miniature Based LED Lamps
logo
Microsemi Corporation
S2060 MICROSEMI-S2060 Datasheet
112Kb / 3P
Silicon Power Rectifier
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
GIGABIT ETHERNET TRANSCEIVER
logo
Microsemi Corporation
S2060 MICROSEMI-S2060 Datasheet
148Kb / 2P
SILICON POWER RECTIFIER
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
38Kb / 2P
GPON Transceiver With CDR
More results

Similar Description - S2062ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CUP36-10 ETC-CUP36-10 Datasheet
43Kb / 2P
AC/DC Desktop
CUP45 ETC1-CUP45 Datasheet
209Kb / 2P
AC/DC External Desktop 45 Watts
logo
HITRON ELECTRONICS CORP...
HEA-41 HITRON-HEA-41 Datasheet
238Kb / 2P
AC TO DC EXTERNAL UN-REGULATED WALLMOUNT ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 8.4-9.6 WATTS LINEAR POWER ADAPTORS
HEA-48 HITRON-HEA-48 Datasheet
365Kb / 2P
AC TO DC EXTERNAL UN-REGULATED WALLMOUNT & DESKTOP ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 12.0-15.6 WATTS LINEAR POWER ADAPTORS
HER-48 HITRON-HER-48 Datasheet
376Kb / 2P
AC/DC EXTERNAL REGULATED WALLMOUNT & DESKTOP ADAPTER DIVERSE AC PLUGS SINGLE OUTPUT 6.0-13.0 WATTS LINEAR POWER SUPPLIES
logo
Power Systems GmbH+Co.K...
VE3502 POWER-SYSTEMS-VE3502 Datasheet
409Kb / 1P
AC-DC Power Supplies 34 WATTS DESKTOP AC ADAPTER
VEG65X-120FAA POWER-SYSTEMS-VEG65X-120FAA Datasheet
125Kb / 2P
AC-DC Power Supplies 65 WATTS DESKTOP AC ADAPTER
logo
Mean Well Enterprises C...
GS280 MEANWELL-GS280 Datasheet
189Kb / 2P
280W AC-DC Single Output Desktop
logo
Tumbler Technologies + ...
TWA250 TRUMPOWER-TWA250 Datasheet
108Kb / 1P
250W AC/DC Desktop Power Adapter
logo
Mitsumi Electronics, Co...
ADP-G3 MITSUMI-ADP-G3 Datasheet
108Kb / 2P
10W AC Adaptors with Worldwide Input
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com