Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RUMC2AB1B7 Datasheet(PDF) 1 Page - Schneider Electric

Part # RUMC2AB1B7
Description  universal plug-in relay - Zelio RUM - 2 C/O - 24 V AC - 10 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RUMC2AB1B7 Datasheet(HTML) 1 Page - Schneider Electric

  RUMC2AB1B7 Datasheet HTML 1Page - Schneider Electric RUMC2AB1B7 Datasheet HTML 2Page - Schneider Electric RUMC2AB1B7 Datasheet HTML 3Page - Schneider Electric RUMC2AB1B7 Datasheet HTML 4Page - Schneider Electric RUMC2AB1B7 Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
7/9/2011
1
Product data sheet
Characteristics
RUMC2AB1B7
universal plug-in relay - Zelio RUM - 2 C/O - 24
V AC - 10 A
Main
Range of product
Zelio Relay
Series name
Universal
Product or component
type
Plug-in relay
Device short name
RUM
Contacts type and
composition
2 C/O
Contacts operation
Standard
Control circuit voltage
24 V AC
[Ithe] conventional
enclosed thermal
current
10 A at <= 55 °C
Status LED
Without
Control type
Pushbutton
Coil interference
suppression
Without
Utilisation coefficient
20 %
Sale per indivisible
quantity
10
Complementary
Shape of pin
Cylindrical
[Ui] rated insulation voltage
250 V conforming to IEC
300 V conforming to CSA
300 V conforming to UL
[Uimp] rated impulse withstand voltage
4 kV conforming to IEC 61000-4-5
Contacts material
Silver alloy (Ag/Ni)
[Ie] rated operational current
10 A (AC-1/DC-1) NO conforming to IEC
12 A at 28 V (DC-1) conforming to UL
16 A at 277 V (AC-1) conforming to UL
5 A (AC-1/DC-1) NC conforming to IEC
Minimum switching current
10 mA
Maximum switching voltage
250 V AC conforming to IEC
250 V DC conforming to IEC
Minimum switching voltage
17 V
Resistive rated load
10 A at 250 V AC
10 A at 28 V DC
Maximum switching capacity
2500 VA, AC circuit
280 W, DC circuit
Minimum switching capacity
170 mW
Operating rate
<= 200 cyc/mn (no-load)
<= 30 cyc/mn (under load)
Mechanical durability
5000000 cycles
Electrical durability
100000 cycles for resistive load
Average consumption in W
1.4 W, DC circuit
Average consumption in VA
2...3, AC circuit
Drop-out voltage threshold
>= 0.1 Uc (DC
>= 0.15 Uc (AC
Operating time
20 ms between coil de-energisation and making of the Off-delay contact (AC/DC)
20 ms between coil energisation and making of the On-delay contact (AC/DC)
Average resistance
72 Ohm, AC circuit at 20 °C +/- 15 %
Rated operational voltage limits
19.2...26.4 V AC


Similar Part No. - RUMC2AB1B7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RUMC21B7 SCHNEIDER-RUMC21B7 Datasheet
189Kb / 7P
Harmony, Universal plug-in relay, 10 A, 2 CO, with lockable test button, 24 V AC
Aug 12, 2021
RUMC21BD SCHNEIDER-RUMC21BD Datasheet
187Kb / 7P
Harmony, Universal plug-in relay, 10 A, 2 CO, with lockable test button, 24 V DC
Aug 12, 2021
RUMC21F7 SCHNEIDER-RUMC21F7 Datasheet
189Kb / 7P
Harmony, Universal plug-in relay, 10 A, 2 CO, with lockable test button, 120 V AC
Aug 12, 2021
RUMC21FD SCHNEIDER-RUMC21FD Datasheet
187Kb / 7P
Harmony, Universal plug-in relay, 10 A, 2 CO, with lockable test button, 110 V DC
Aug 12, 2021
RUMC21JD SCHNEIDER-RUMC21JD Datasheet
187Kb / 7P
Harmony, Universal plug-in relay, 10 A, 2 CO, with lockable test button, 12 V DC
Aug 12, 2021
More results

Similar Description - RUMC2AB1B7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RUMC3AB1F7 ETC2-RUMC3AB1F7 Datasheet
73Kb / 5P
universal plug-in relay - Zelio RUM - 3 C/O - 120 V AC - 10 A
RXM2AB2B7 ETC2-RXM2AB2B7 Datasheet
76Kb / 5P
miniature plug-in relay - Zelio RXM - 2 C/O - 24 V AC - 12 A - with LED
RXM4AB1BD ETC2-RXM4AB1BD Datasheet
73Kb / 5P
miniature plug-in relay - Zelio RXM - 4 C/O - 24 V DC - 6 A
RPM12BD ETC2-RPM12BD Datasheet
58Kb / 2P
power plug-in relay - Zelio RPM - 1 C/O - 24 V DC - 15 A - with LED
RUMC3AB1BD ETC2-RUMC3AB1BD Datasheet
73Kb / 5P
universal plug-in relay - Zelio RUM - 3 C/O - 24 V DC - 10 A
RXM3AB2BD ETC2-RXM3AB2BD Datasheet
76Kb / 5P
miniature plug-in relay - Zelio RXM - 3 C/O - 24 V DC - 10 A - with LED
logo
Schneider Electric
RUMC21B7 SCHNEIDER-RUMC21B7 Datasheet
189Kb / 7P
Harmony, Universal plug-in relay, 10 A, 2 CO, with lockable test button, 24 V AC
Aug 12, 2021
RUMC22F7 SCHNEIDER-RUMC22F7 Datasheet
227Kb / 7P
Zelio RUM, universal plugin relay, 2 C/O, octal base, 10 A, 120 VAC, with LED
Aug 12, 2021
RPM11JD SCHNEIDER-RPM11JD Datasheet
118Kb / 5P
power plug-in relay - Zelio RPM - 1 C/O - 12 V DC - 15 A
Aug 10, 2019
RPM13B7 SCHNEIDER-RPM13B7 Datasheet
119Kb / 5P
power plug-in relay - Zelio RPM - 1 C/O - 24 V AC - 15 A - with LED
Aug 15, 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com