Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATV02-18PD Datasheet(PDF) 2 Page - Amphenol Sine Systems Corp.

Part # ATV02-18PD
Description  RECEPTACLE, FLANGE,18 PIN, ATV SERIES STANDRAD DIA. WIRE SEAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.

ATV02-18PD Datasheet(HTML) 2 Page - Amphenol Sine Systems Corp.

  ATV02-18PD Datasheet HTML 1Page - Amphenol Sine Systems Corp. ATV02-18PD Datasheet HTML 2Page - Amphenol Sine Systems Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REV
DESCRIPTION
DATE
REVISIONS
ECO
APPR
BY
SEE SHEET 2
MATERIALS LIST
SIZE
PROCESS SPECIFICATIONS:
MATERIAL SPECIFICATIONS:
UNLESS OTHERWISE SPECIFIED
3 PL DEC ±0.08
1) All dimensions are in metric(mm).
2) Tolerances are as follows:
1 PL DEC ±0.30
2 PL DEC ±0.15
QUANTITY
SIGNATURES
Fractions ±1/64
Angles ±1°
APPROVAL:
ENGINEER:
CHECKED:
DRAWN:
SCALE:
DATE
PART NUMBER
REVISION
DWG NO:
C-
TYPE
SHEET
OF
ITEM
DESCRIPTION
THIS DRAWING IS SUPPLIED FOR
INFORMATION ONLY. DESIGN FEATURES,
SPECIFICATIONS AND PERFORMANCE DATA
SHOWN HEREON ARE THE PROPERTY OF
THE AMPHENOL CORPORATION. NO RIGHTS
OF REPRODUCTION ARE IMPLIED. ALL
DIMENSIONS ARE SUBJECT TO NORMAL
MANUFACTURING VARIATIONS.
CUSTOMER:
NEXT ASS'Y:
X
3) Note reference =
44724 Morley Drive
Clinton Township, MI 48036
Sine Systems - www.amphenol-sine.com
Amphenol
RECEPTACLE, FLANGE,18 PIN, ATV SERIES
STANDARD DIA. WIRE SEAL
B
ATV02-18PX
A1
2
2
RIMON.MA
25MAY18
ORION.LI
25MAY18
TOMMY.XIE
25MAY18
NONE
A1
-
RELEASE DRAWING
25MAY18
RIMON TOMMY
KEYWAY
(1)PLACE
KEYWAY
(1)PLACE
KEYWAY
(1)PLACE
KEYWAY
(1)PLACE
COLOR
PART NUMBER
KEY-A CONFIGURATION
GREY
ATV02-18PA
COLOR
PART NUMBER
KEY-B CONFIGURATION
BLACK
ATV02-18PB
COLOR
PART NUMBER
KEY-C CONFIGURATION
GREEN
ATV02-18PC
COLOR
PART NUMBER
KEY-D CONFIGURATION
BROWN
ATV02-18PD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com