Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC Datasheet(PDF) 2 Page - Radiall. All rights reserved.

Part # SMC
Description  STRAIGHT PLUG CRIMP TYPE CABLE 2.6/5075 S
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIALL [Radiall. All rights reserved.]
Direct Link  https://www.radiall.com/
Logo RADIALL - Radiall. All rights reserved.

SMC Datasheet(HTML) 2 Page - Radiall. All rights reserved.

  SMC Datasheet HTML 1Page - Radiall. All rights reserved. SMC Datasheet HTML 2Page - Radiall. All rights reserved. SMC Datasheet HTML 3Page - Radiall. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
2 / 3
STRAIGHT PLUG CRIMP TYPE
R112.075.000
CABLE 2.6/50+75 S
Series : SMC
Issue : 0430 B
In the effort to improve our products, we reserve the right to make changes judged to be
necessary.
PACKAGING
Standard
Unit
Other
1
-
Contact us
ELECTRICAL CHARACTERISTICS
Impedance
50
Ω
Frequency
0-10 GHz
VSWR
1.20 +
0.040 x F(GHz) Maxi
Insertion loss
0.125 √F(GHz) dB Maxi
RF leakage
- (
62 - F(GHz)) dB Maxi
Voltage rating
335 Veff Maxi
Dielectric withstanding voltage
1000 Veff mini
Insulation resistance
1000 M
Ω mini
MECHANICAL CHARACTERISTICS
Center contact retention
Axial force – Mating end
10 N mini
Axial force – Opposite end
10 N mini
Torque
NA N.cm mini
Recommended torque
Mating
30 N.cm
Panel nut
NA N.cm
Clamp nut
70 N.cm
A/F clamp nut
5.000 mm
Mating life
500 Cycles mini
Weight
0.000 g
ENVIRONMENTAL
Operating temperature
-65/+165 ° C
Hermetic seal
NA Atm.cm3/s
Panel leakage
NA
SPECIFICATION
CABLE ASSEMBLY
Stripping
ab
c
d
e
f
mm
2.20
5.40
15.5
0.00
13.3
0.00
Assembly instruction
:
Recommended cable(s)
RG 179
KX 22A
RG 187
RG 188
RG 316
Characteristics indicated on this data sheet are those that can be
achieved with the highest performance cable. Intrinsic limitations of
the cable may diminish the performance of the assembly
Cable retention
- pull off
110 N mini
- torque
NA N.cm
TOOLING
Part Number
Description
Hexagon
..
.
R282.211.000 CRIMPING TOOL
3.25
R282.235.003 CRIMPING DIES
3.25
R282.293.000 CRIMPING TOOL
-
OTHERS CHARACTERISTICS
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com