Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN2483 Datasheet(PDF) 13 Page - Microchip Technology

Part # RN2483
Description  Low-Power Long Range LoRa® Technology Transceiver Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2483 Datasheet(HTML) 13 Page - Microchip Technology

Back Button RN2483_V01 Datasheet HTML 9Page - Microchip Technology RN2483_V01 Datasheet HTML 10Page - Microchip Technology RN2483_V01 Datasheet HTML 11Page - Microchip Technology RN2483_V01 Datasheet HTML 12Page - Microchip Technology RN2483_V01 Datasheet HTML 13Page - Microchip Technology RN2483_V01 Datasheet HTML 14Page - Microchip Technology RN2483_V01 Datasheet HTML 15Page - Microchip Technology RN2483_V01 Datasheet HTML 16Page - Microchip Technology RN2483_V01 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
 2015-2019 Microchip Technology Inc.
DS50002346D-page 13
RN2483
6.0
REGULATORY APPROVAL
This section outlines the regulatory information for the
RN2483 module for Europe.
6.1
Europe
The RN2483 module is an Radio Equipment Directive
(RED) assessed radio module that is CE marked and
has been manufactured and tested with the intention of
being integrated into a final product.
The RN2483 module has been tested to RED
2014/53/EU Essential Requirements for Health and
Safety (Article (3.1(a)), Electro Magnetic Compatibility
(EMC) (Article 3.1(b)), and Radio (Article 3.2) and are
summarized in Table 6-1.
The ETSI provides guidance on modular devices in
“Guide to the application of harmonised standards cov-
ering Article 3.1(b) and Article 3.2 of the Directive 2014/
53/EU RED to multi-radio and combined radio and non-
radio equipment” document available at http://
www.etsi.org/deliver/etsi_eg/203300_203399/203367/
01.01.01_60/eg_203367v010101p.pdf
.
6.1.1
LABELING AND USER
INFORMATION REQUIREMENTS
The label on the final product which contains the
RN2483 module must follow CE marking requirements.
6.1.2
CONFORMITY ASSESSMENT
From ETSI Guidance Note EG 203367, section 6.1
Non-radio products are combined with a radio product:
If the manufacturer of the combined equipment installs
the radio product in a host non-radio product in equiva-
lent assessment conditions (i.e. host equivalent to the
one used for the assessment of the radio product) and
according to the installation instructions for the radio
product, then no additional assessment of the com-
bined equipment against article 3.2 of the RED is
required.
The European Compliance Testing listed in Table 6-1,
was performed using the Integral PCB antenna
6.1.3
SIMPLIFIED EU DECLARATION OF
CONFORMITY
Hereby, Microchip Technology Inc. declares that the
radio equipment type RN2483 is in compliance with
Directive 2014/53/EU.
The full text of the EU declaration of conformity, for this
product, is available at: http://www.microchip.com/
design-centers/wireless-connectivity.
6.1.4
HELPFUL WEBSITES
A document that can be used as a starting point in
understanding the use of Short Range Devices (SRD)
in Europe is the European Radio Communications
Committee (ERC) Recommendation 70-03 E, which
can be downloaded from the European Communica-
tions Committee (ECC) at: http://www.ecodocdb.dk/
Additional helpful web sites are:
• Radio Equipment Directive (2014/53/EU): https://
ec.europa.eu/growth/single-market/european-
standards/harmonised-standards/red_en
• European Conference of Postal and Telecommu-
nications Administrations (CEPT):
http://www.cept.org
• European Telecommunications Standards Insti-
tute (ETSI): http://www.etsi.org
• The Radio Equipment Directive Compliance
Association (REDCA): http://www.redca.eu/
Note:
To maintain conformance to the testing
listed in Table 6-1, the module shall be
installed in accordance with the installa-
tion instructions in this datasheet and shall
not be modified. When integrating a radio
module into a completed product the inte-
grator becomes the manufacturer of the
final product and is therefore responsible
for demonstrating compliance of the final
product with the essential requirements
against the RED.
TABLE 6-1:
EUROPEAN COMPLIANCE TESTING
Certification
Standards
Article
Laboratory
Report Number
Date
Safety
EN 60950-1:2006 /
A11:2009 / A1:2010 /
A12:2011 / A2:2013
[3.1(a)]
TUV Rheinland,
Taiwan
10062010 002
2017/09/18
Health
EN62479:2010
50105982 001
2018/07/02
EMC
EN 301 489-1 V2.1.1
EN 301 489-1 V2.2.0
[3.1(b)]
10061415 002
2018/07/18
EN 301 489-3 V1.6.1
EN 301 489-3 V2.1.1
Radio
EN 300 220-1 V3.1.1
EN 300 220-2 V3.1.1
(3.2)
50105982 001
2018/07/02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com